データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ110S データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 BUZ110S
部品情報  SIPMOS짰 Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ110S データシート(HTML) 1 Page - Infineon Technologies AG

  BUZ110S Datasheet HTML 1Page - Infineon Technologies AG BUZ110S Datasheet HTML 2Page - Infineon Technologies AG BUZ110S Datasheet HTML 3Page - Infineon Technologies AG BUZ110S Datasheet HTML 4Page - Infineon Technologies AG BUZ110S Datasheet HTML 5Page - Infineon Technologies AG BUZ110S Datasheet HTML 6Page - Infineon Technologies AG BUZ110S Datasheet HTML 7Page - Infineon Technologies AG BUZ110S Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUZ 110S
Data Book
1
05.99
SIPMOS
 Power Transistor
Product Summary
Drain source voltage
55
VDS
V
Drain-Source on-state resistance
0.01
RDS(on)
ID
Continuous drain current
80
A
Features
• N channel
Enhancement mode
• Avalanche rated
• dv/dt rated
• 175 ˚C operating temperature
Pin 1
Pin 2
Pin 3
G
D
S
Packaging
Type
Package
Ordering Code
BUZ110S
Tube
P-TO220-3-1 Q67040-S4005-A2
BUZ110S E3045A
Tape and Reel
Q67040-S4005-A6
P-TO263-3-2
Tube
BUZ110S E3045
P-TO263-3-2 Q67040-S4005-A5
Maximum Ratings,at
Tj = 25 ˚C unless otherwise specified
Parameter
Symbol
Unit
Value
Continuous drain current
TC = 25 ˚C, limited by bond wire
TC = 100˚C
80
66
ID
A
Pulsed drain current
TC = 25 ˚C
IDpulse
320
Avalanche energy, single pulse
ID =80 A, VDD =25V, RGS =25 Ω
mJ
EAS
460
Avalanche energy, periodic limited by
Tjmax
20
EAR
Reverse diode d
v/dt
IS =80 A, VDS =40V, di/dt = 200 A/µs,
Tjmax = 175 ˚C
d
v/dt
6
kV/
µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 ˚C
Ptot
200
W
Operating and storage temperature
Tj , Tstg
˚C
-55... +175
55/175/56
IEC climatic category; DIN IEC 68-1


同様の部品番号 - BUZ110S

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results

同様の説明 - BUZ110S

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com