データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4756A データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N4756A
部品情報  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4756A データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4756A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
- 819 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted) VF=1.2V max, IF=200mA for all types.
Nominal Zener Voltage
Test
Surge Current @
Device
Vz @ Izt
Current
TA = 25
OC
(Note 1)
Voltage
IZT
ZZT @ IZT
Ir - mA
(Notes 2 & 3)
mA
Ohms
Ohms
mA
uA Max
Volts
(Note 5)
1N4741A
11
23
8
700
0.25
5.0
8.4
414
1N4742A
12
21
9
700
0.25
5.0
9.1
380
1N4743A
13
19
10
700
0.25
5.0
9.9
344
1N4744A
15
17
14
700
0.25
5.0
11.4
304
1N4745A
16
15.5
16
700
0.25
5.0
12.2
285
1N4746A
18
14.0
20
750
0.25
5.0
13.7
250
1N4747A
20
12.5
22
750
0.25
5.0
15.2
225
1N4748A
22
11.5
23
750
0.25
5.0
16.7
205
1N4749A
24
10.5
25
750
0.25
5.0
18.2
190
1N4750A
27
9.5
35
750
0.25
5.0
20.6
170
1N4751A
30
8.5
40
1000
0.25
5.0
22.8
150
1N4752A
33
7.5
45
1000
0.25
5.0
25.1
135
1N4753A
36
7.0
50
1000
0.25
5.0
27.4
125
1N4754A
39
6.5
60
1000
0.25
5.0
29.7
115
1N4755A
43
6.0
70
1500
0.25
5.0
32.7
110
1N4756A
47
5.5
80
1500
0.25
5.0
35.8
95
1N4757A
51
5.0
95
1500
0.25
5.0
38.8
90
1N4758A
56
4.5
110
2000
0.25
5.0
42.6
80
1N4759A
62
4.0
125
2000
0.25
5.0
47.1
70
1N4760A
68
3.7
150
2000
0.25
5.0
51.7
65
1N4761A
75
3.3
175
2000
0.25
5.0
56.0
60
1N4762A
82
3.0
200
3000
0.25
5.0
62.2
55
1N4763A
91
2.8
250
3000
0.25
5.0
69.2
50
1N4764A
100
2.5
350
3000
0.25
5.0
76.0
45
1M110Z
110
2.3
450
4000
0.25
5.0
83.6
-
1M120Z
120
2.0
550
4500
0.25
5.0
91.2
-
1M130Z
130
1.9
700
5000
0.25
5.0
98.8
-
1M150Z
150
1.7
1000
6000
0.25
5.0
114.0
-
1M160Z
160
1.6
1100
6500
0.25
5.0
121.6
-
1M180Z
180
1.4
1200
7000
0.25
5.0
136.8
-
1M200Z
200
1.2
1500
8000
0.25
5.0
152.0
-
Maximum Zener Impedance (Note 4)
Leakage Current
ZZK @ IZK
IR @ VR
reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the
5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive,
test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 10.
6. Additionnal measurement of Voltage group 9V1 to 75 at 95% Vzmin <35nA at Tj 25°C
the lead temperature (TL) at 30
OC± 1OC, from the diode body.
3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds while maintaining
4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 1000 cycle ac voltage, which results when an ac
current having and rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK.
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
Notes:
zener voltage of ±5%.
1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal


同様の部品番号 - 1N4756A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4756A VISHAY-1N4756A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SynSemi, Inc.
1N4756A SYNSEMI-1N4756A Datasheet
105Kb / 2P
   SILICON ZENER DIODES
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Microdiode Electronics ...
1N4756A CHENDA-1N4756A Datasheet
721Kb / 3P
   Low zener impedance
More results

同様の説明 - 1N4756A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com