データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2309SC-1T データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 SL2309SC-1T
部品情報  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309SC-1T データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SL2309SC-1T Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 9Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 10Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 11Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev 1.1, May 29, 2007
Page 10 of 12
SL2309
Package Drawing and Dimensions
16-Lead TSSOP (4.4mm)
0.190(0.007)
0.300(0.012)
0.090(0.003)
0.200(0.008)
8
9
6.250(0.246)
6.500(0.256)
4.300(0.169)
4.500(0.177)
2.900(0.114)
3.100(0.122)
0.850(0.033)
0.950(0.037)
0.050(0.002)
0.150(0.006)
1.100(0.043) MAX
0.076(0.003)
0 to 8°
0.500(0.020)
0.700(0.027)
0.650(0.025)
BSC
Gauge
Plane
Dimensions are in milimeters(inches).
Top line: (MIN) and Bottom line: (Max)
Pin-1 ID
Seating Plane
1
16
0.650(0.025)
BSC
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
θ JA
Still air
-
80
-
°C/W
θ JA
1m/s air flow
-
70
-
°C/W
Thermal Resistance
Junction to Ambient
θ JA
3m/s air flow
-
68
-
°C/W
Thermal Resistance
Junction to Case
θ JC
Independent of air flow
-
36
-
°C/W


同様の部品番号 - SL2309SC-1T

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL2309SC-1T SPECTRALINEAR-SL2309SC-1T Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
More results

同様の説明 - SL2309SC-1T

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com