データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC368DTE4 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74HC368DTE4
部品情報  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC368DTE4 データシート(HTML) 5 Page - Texas Instruments

  SN74HC368DTE4 Datasheet HTML 1Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 2Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 3Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 4Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 5Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 6Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC368DTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54HC368, SN74HC368
HEX INVERTING BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS310D − JANUARY 1996 −REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
50%
10%
90%
VCC
≈VCC
VOL
0 V
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note B)
50%
tPZL
tPLZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES FOR 3-STATE OUTPUTS
VOH
≈0 V
50%
50%
tPZH
tPHZ
Output
Waveform 2
(See Note B)
≈VCC
Test
Point
From Output
Under Test
CL
(see Note A)
RL
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
CL
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
1 k
1 k
50 pF
or
150 pF
50 pF
Open
Closed
RL
S1
Closed
Open
S2
Open
Closed
Closed
Open
50 pF
or
150 pF
Open
Open
−−
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74HC368DTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC368DTE4 TI-SN74HC368DTE4 Datasheet
465Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC368DTE4 TI-SN74HC368DTE4 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74HC368DTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com