データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CB3T16211DGGR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CB3T16211DGGR
部品情報  24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T16211DGGR データシート(HTML) 5 Page - Texas Instruments

  SN74CB3T16211DGGR Datasheet HTML 1Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 2Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 3Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 4Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 5Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 6Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 7Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 8Page - Texas Instruments SN74CB3T16211DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74CB3T16211
24BIT FET BUS SWITCH
2.5V/3.3V LOW VOLTAGE BUS SWITCH WITH 5V TOLERANT LEVEL SHIFTER
SCDS147B − OCTOBER 2003 − REVISED JANUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
VOH
See Figures 3 and 4
IIN
Control
inputs
VCC = 3.6 V,
VIN = 3.6 V to 5.5 V or GND
±10
µA
VCC = 3.6 V,
VI = VCC − 0.7 V to 5.5 V
±20
II
VCC = 3.6 V,
Switch ON,
V
= V
or GND
VI = 0.7 V to VCC − 0.7 V
−40
µA
II
Switch ON,
VIN = VCC or GND
VI = 0 to 0.7 V
±5
µA
IOZ‡
VCC = 3.6 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±10
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
10
µA
ICC
VCC = 3.6 V,
II/O = 0,
VI = VCC or GND
70
A
ICC
II/O = 0,
Switch ON or OFF,
VIN = VCC or GND
VI = 5.5 V
70
µA
∆ICC§
Control
inputs
VCC = 3 V to 3.6 V,
One input at VCC − 0.6 V,
Other inputs at VCC or GND
300
µA
Cin
Control
inputs
VCC = 3.3 V,
VIN = VCC or GND
4
pF
Cio(OFF)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or GND,
Switch OFF,
VIN = VCC or GND
5
pF
Cio(ON)
VCC = 3.3 V,
Switch ON,
VI/O = 5.5 V or 3.3 V
5
pF
Cio(ON)
CC
Switch ON,
VIN = VCC or GND
VI/O = GND
13
pF
VCC = 2.3 V,
TYP at VCC = 2.5 V,
IO = 24 mA
5
9.5
ron¶
CC
TYP at VCC = 2.5 V,
VI = 0
IO = 16 mA
5
9.5
ron¶
VCC = 3 V,
IO = 64 mA
5
8.5
VCC = 3 V,
VI = 0
IO = 32 mA
5
8.5
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
¶ Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined by the
lower of the voltages of the two (A or B) terminals.


同様の部品番号 - SN74CB3T16211DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3T16211DGGR TI-SN74CB3T16211DGGR Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211DGGR TI-SN74CB3T16211DGGR Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

同様の説明 - SN74CB3T16211DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI-SN74CB3T16212 Datasheet
250Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16212 TI1-SN74CB3T16212_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH, 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com