データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIPP32C データシート(PDF) 1 Page - Power Innovations Ltd

部品番号 TIPP32C
部品情報  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POINN [Power Innovations Ltd]
ホームページ  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPP32C データシート(HTML) 1 Page - Power Innovations Ltd

  TIPP32C Datasheet HTML 1Page - Power Innovations Ltd TIPP32C Datasheet HTML 2Page - Power Innovations Ltd TIPP32C Datasheet HTML 3Page - Power Innovations Ltd TIPP32C Datasheet HTML 4Page - Power Innovations Ltd TIPP32C Datasheet HTML 5Page - Power Innovations Ltd TIPP32C Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIPP32, TIPP32A,TIPP32B, TIPP32C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
MAY 1989 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
20 W Pulsed Power Dissipation
q
100 V Capability
q
2 A Continuous Collector Current
q
4 A Peak Collector Current
q
Customer-Specified Selections Available
LP PACKAGE
(TOP VIEW)
MDTRAB
E
C
B
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 6.4 mW/°C.
3. VCE = 20 V, IC = 1 A, tp = 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPP32
TIPP32A
TIPP32B
TIPP32C
VCBO
-40
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
TIPP32
TIPP32A
TIPP32B
TIPP32C
VCEO
-40
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-2
A
Peak collector current (see Note 1)
ICM
-4
A
Continuous base current
IB
-1
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
0.8
W
Pulsed power dissipation (see Note 3)
PT
20
W
Operating junction temperature range
Tj
-55 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


同様の部品番号 - TIPP32C

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
TIPP31 POINN-TIPP31 Datasheet
88Kb / 6P
   NPN SILICON POWER TRANSISTORS
TIPP31A POINN-TIPP31A Datasheet
88Kb / 6P
   NPN SILICON POWER TRANSISTORS
TIPP31B POINN-TIPP31B Datasheet
88Kb / 6P
   NPN SILICON POWER TRANSISTORS
TIPP31C POINN-TIPP31C Datasheet
88Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - TIPP32C

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com