データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT5074D データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74ABT5074D
部品情報  Synchronizing dual D-type flip-flop with metastable immune characteristics
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT5074D データシート(HTML) 3 Page - NXP Semiconductors

  74ABT5074D Datasheet HTML 1Page - NXP Semiconductors 74ABT5074D Datasheet HTML 2Page - NXP Semiconductors 74ABT5074D Datasheet HTML 3Page - NXP Semiconductors 74ABT5074D Datasheet HTML 4Page - NXP Semiconductors 74ABT5074D Datasheet HTML 5Page - NXP Semiconductors 74ABT5074D Datasheet HTML 6Page - NXP Semiconductors 74ABT5074D Datasheet HTML 7Page - NXP Semiconductors 74ABT5074D Datasheet HTML 8Page - NXP Semiconductors 74ABT5074D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product data
74ABT5074
Synchronizing dual D-type flip-flop
with metastable immune characteristics
2002 Dec 17
3
LOGIC SYMBOL
Q0 Q0 Q1 Q1
56
98
VCC = Pin 14
GND = Pin 7
3
4
1
11
10
13
CP0
SD0
RD0
CP1
SD1
RD1
D0
D1
212
SA00002
IEC/IEEE SYMBOL
4
3
2
1
10
11
12
13
5
6
9
8
S
S
C1
C2
R
1D
2D
R
SA00003
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
5, 9
6, 8
Q
Q
4, 10
1, 13
3, 11
2, 12
SD
RD
CP
D
SF00048
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
SD
RD
CP
D
Q
Q
MODE
L
H
X
X
H
L
Asynchronous set
H
L
X
X
L
H
Asynchronous reset
L
L
X
X
L
H
Undetermined*
H
H
h
H
L
Load “1”
H
H
l
L
H
Load “0”
H
H
X
NC
NC
Hold
NOTES:
H = HIGH voltage level
h
= HIGH voltage level one set-up time prior to LOW-to-HIGH
clock transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to LOW-to-HIGH
clock transition
NC= No change from the previous set-up
X = Don’t care
↑ = LOW-to-HIGH clock transition
↑ = Not LOW-to-HIGH clock transition
*
= This set-up is unstable and will change when either set or
reset return to the HIGH level


同様の部品番号 - 74ABT5074D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
100Kb / 7P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
More results

同様の説明 - 74ABT5074D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT5074 PHILIPS-74ABT5074 Datasheet
100Kb / 7P
   Synchronizing dual D-type flip-flop with metastable immune characteristics
2002 Dec 17
74F50729 PHILIPS-74F50729 Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
74F50109 PHILIPS-74F50109 Datasheet
97Kb / 12P
   Synchronizing dual J-K positive edge-triggered flip-flop with metastable immune characteristics
1990 Sep 14
74F5074 PHILIPS-74F5074 Datasheet
92Kb / 12P
   Synchronizing dual D-type flip-flop/clock driver
1990 Sep 14
74F50728 PHILIPS-74F50728 Datasheet
89Kb / 12P
   Synchronizing cascaded dual positive edge-triggered D-type flip-flop
1990 Sep 14
logo
Texas Instruments
74ACT11478 TI1-74ACT11478 Datasheet
98Kb / 5P
[Old version datasheet]   METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com