データシートサーチシステム |
|
74AUP1G373GW データシート(PDF) 7 Page - NXP Semiconductors |
|
74AUP1G373GW データシート(HTML) 7 Page - NXP Semiconductors |
7 / 22 page 74AUP1G373_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 20 July 2007 7 of 22 NXP Semiconductors 74AUP1G373 Low-power D-type transparent latch; 3-state [1] One input at VCC − 0.6 V, other input at VCC or GND. VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.11 - - V IO = −1.1 mA; VCC = 1.1 V 0.6 × V CC -- V IO = −1.7 mA; VCC = 1.4 V 0.93 - - V IO = −1.9 mA; VCC = 1.65 V 1.17 - - V IO = −2.3 mA; VCC = 2.3 V 1.77 - - V IO = −3.1 mA; VCC = 2.3 V 1.67 - - V IO = −2.7 mA; VCC = 3.0 V 2.40 - - V IO = −4.0 mA; VCC = 3.0 V 2.30 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 20 µA; VCC = 0.8 V to 3.6 V - - 0.11 V IO = 1.1 mA; VCC = 1.1 V - - 0.33 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.41 V IO = 1.9 mA; VCC = 1.65 V - - 0.39 V IO = 2.3 mA; VCC = 2.3 V - - 0.36 V IO = 3.1 mA; VCC = 2.3 V - - 0.50 V IO = 2.7 mA; VCC = 3.0 V - - 0.36 V IO = 4.0 mA; VCC = 3.0 V - - 0.50 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.75 µA IOZ 3-state output OFF-state current VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V -- ±0.75 µA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.75 µA ∆IOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V -- ±0.75 µA ICC supply current VI = GND or VCC; IO =0A; VCC = 0.8 V to 3.6 V - - 1.4 µA ∆ICC additional supply current VI = VCC − 0.6 V; IO =0A; VCC = 3.3 V [1] -- 75 µA Table 7. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
同様の部品番号 - 74AUP1G373GW |
|
同様の説明 - 74AUP1G373GW |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |