データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS278R12 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS278R12
部品情報  2A Ultra Low Dropout Voltage Regulator w/Disable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS278R12 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS278R12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS278R12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS278R00 Series
1-4
2005/5 rev. B
TS278R00
2A Ultra Low Dropout Voltage Regulator w/Disable
ITO-220-4L
ITO-220-4SL
Low Dropout Voltage 0.5V max.
General Description
The TS278R00 Series is a low-dropout voltage regulator suitable for various electronic equipments. It provides constant voltage
power source with ITO-220 4 lead full mold package.
Dropout voltage of TS278R00 Series is below 0.5V in full rated current (2A). This regulator has various functions such as a peak
current protection, thermal shut down, over voltage protection and an output disable function.
Features
Ultra Low Dropout performance 0.5Vmax. 2A
Over Current Protection, Thermal Shutdown
Over Voltage Protection, Short Circuit Protection
With Output Disable Function
± 2.4% Typical Total output
TO-220 Full-Mold Package (4Pin)
Ordering Information
Part No.
Operating Temp.
Package
TS278RxxCI4
ITO-220-4L
TS278RxxCI4S
-40 ~ 125
oC
ITO-220-4SL
Note: Where xx denotes voltage option,
33=3.3V, 05=5.0V, 08=8.0V, 09=9.0V, 12=12V
Block Diagram
Pin assignment:
1. Input
2. Output
3. Gnd
4. Enable


同様の部品番号 - TS278R12

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL05 TSC-TS278RL05 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL08 TSC-TS278RL08 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL09 TSC-TS278RL09 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278RL12 TSC-TS278RL12 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
More results

同様の説明 - TS278R12

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS378R00 TSC-TS378R00 Datasheet
178Kb / 4P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS378RL00 TSC-TS378RL00 Datasheet
240Kb / 5P
   3A Ultra Low Dropout Voltage Regulator w/Disable
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com