データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3842BCD データシート(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS3842BCD
部品情報  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3842BCD データシート(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3842BCD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS3842BCD Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Figure 17- Representative Block Diagram
Figure 18 - Timing Diagram
+
-
Reference
Regulator
VCC
UVLO
+
-
Vref
UVLO
3.6V
36V
S
R
Q
Internal
Bias
+ 1.0mA
Oscillator
2.5V
R
R
R
2R
Error
Amplifier
Voltage
Feedback
Input
Output/
Compensation
Current Sense
Comparator
1.0V
VCC
7(12)
Gnd
5(9)
VC
7(11)
Output
6(10)
PowerGround
5(8)
Current Sense Input
3(5)
RS
Q1
VCC
Vin
1(1)
2(3)
4(7)
8(14)
RT
CT
Vref
= Sink Only Positive True Logic
Pin numbers adjacent to terminals are for the 8-pin dual-in-line package.
Pin numbers in parenthesis are for the D suffix SOP-14 package.
PWM
Latch
(See
Text)
LargeRT/Small CT
Small RT /Large CT
Capacitor CT
Latch
"Set" Input
Output/
Compensation
Current Sense
Input
Latch
"Reset" Input
Output


同様の部品番号 - TS3842BCD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS3842BCD ETC-TS3842BCD Datasheet
521Kb / 20P
   High Performance Current Mode Controller
More results

同様の説明 - TS3842BCD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com