データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3842BCS データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS3842BCS
部品情報  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3842BCS データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS3842BCS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS3842BCS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
100
90
80
70
60
50
40
800 1.0K
2.0K
3.0K 4.0K
6.0K
8.0K
2.0
0.8
5.0
8.0
20
20
80
10K
20K
50K
100K
200K
500K
1.0M
fosc, OSCILLATOR FREQUENCY (KHz)
RT. TIMING RESISTOR (
Ω)
1.0
2.0
5.0
100
50
20
10
10K
20K
50K
100K
200K
500K
1.0M
fosc, OSCILLATOR FREQUENCY (KHz)
75
100
125
50
25
0
-25
-55
T
A. AMBIENT TEMPERATURE (
oC)
9.0
8.0
7.0
8.5
7.5
0.15
µs/DIV
2.5V
3.0V
2.0V
10
µs/DIV
2.5V
2.55V
2.45V
Figure 2 - Output Dead Time vs.
Oscillator Frequency
Figure 3 - Oscillator Discharge
Current vs. Temperature
Figure 4 - Maximum Output Duty
Cycle vs. Timing Resistor
F
igure 5 - Error Amp Small
Signal Transient Response
Figure 6 - Error Amp Large
Signal Transient Response
Figure 1 - Timing Resistor vs.
Oscillator Frequency


同様の部品番号 - TS3842BCS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS3842BCS ETC-TS3842BCS Datasheet
521Kb / 20P
   High Performance Current Mode Controller
More results

同様の説明 - TS3842BCS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com