データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC1117 データシート(PDF) 3 Page - ADDtek Corp

部品番号 AMC1117
部品情報  1A LOW DROPOUT POSITIVE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADDTEK [ADDtek Corp]
ホームページ  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC1117 データシート(HTML) 3 Page - ADDtek Corp

  AMC1117 Datasheet HTML 1Page - ADDtek Corp AMC1117 Datasheet HTML 2Page - ADDtek Corp AMC1117 Datasheet HTML 3Page - ADDtek Corp AMC1117 Datasheet HTML 4Page - ADDtek Corp AMC1117 Datasheet HTML 5Page - ADDtek Corp AMC1117 Datasheet HTML 6Page - ADDtek Corp AMC1117 Datasheet HTML 7Page - ADDtek Corp AMC1117 Datasheet HTML 8Page - ADDtek Corp AMC1117 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMC1117
Copyright
© 2006 ADDtek Corp.
3
DD004_K -- JULY 2006
ABSOLUTE MAXIMUM RATINGS
(Note1)
Input Voltage
7V
Operating Junction Temperature Range, TJ
0
OC to 150 OC
Storage Temperature Range
-65
OC to 150 OC
Lead Temperature (soldiering, 10 seconds)
260
OC
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative
out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC /W )
Derating factor ( mW/
OC)
TA≥ 25
OC
TA≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
SKF
136
7.35
919
588
478
SJF
80
12.5
1562
1000
812
Note :
1.
θ
JA
: Thermal Resistance-Junction to Ambient, DF : Derating factor, Po: Power consumption.
Junction Temperature Calculation: TJ = TA+ (PD × θJA), Po = DF × (TJ- TA)
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
2.
θJT: Thermal Resistance-Junction to Tab, TC: case(Tab) temperature, TJ = TC+ (P
D × θ
JT)
For SK package,
θJT = 15.0 OC /W.
For SJ package,
θJT = 7.0 OC /W.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
2.7
7
V
Load Current (with adequate heat sinking)
I
O
5
mA
Input Capacitor (VIN to GND)
10
µF
Output Capacitor with ESR of 10
Ω max., (VOUT to GND)
10
µF
Junction temperature
TJ
125
OC


同様の部品番号 - AMC1117

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
AMC1117SJ ETC-AMC1117SJ Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
AMC1117SK ETC-AMC1117SK Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
More results

同様の説明 - AMC1117

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com