データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK0380P データシート(PDF) 3 Page - AUK corp

部品番号 STK0380P
部品情報  Advanced Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

STK0380P データシート(HTML) 3 Page - AUK corp

  STK0380P Datasheet HTML 1Page - AUK corp STK0380P Datasheet HTML 2Page - AUK corp STK0380P Datasheet HTML 3Page - AUK corp STK0380P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
Preliminary
3
STK0380P
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 , VGS=0V
800
-
-
V
Gate threshold voltage
VGS(th)
ID=250 , VGS= VDS
3.0
-
5.0
V
Drain-source cut-off current
IDSS
VDS=800V, VGS=0V
-
-
10
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
Drain-source on-resistance
RDS(on)
VGS=10V, ID=1.5A
-
4.0
4.8
Ω
Forward transfer conductance
gfs
VDS=50V, ID=1.5A
-
3
-
S
Input capacitance
Ciss
-
562
705
Output capacitance
Coss
-
50
70
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1 MHz
-
5.0
7.5
Turn-on delay time
td(on)
-
15
40
Rise time
tr
-
43.5
95
Turn-off delay time
td(off)
-
22.5
55
Fall time
tf
VDD=400V, ID=3.0A
RG=25Ω
-
32
75
Total gate charge
Qg
-
18
21.5
Gate-source charge
Qgs
-
3.4
-
Gate-drain charge
Qgd
VDS=640V, VGS=10V
ID=3.0A
-
5.9
-
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
3.0
Source current (Pulsed)
ISP
Integral reverse diode
in the MOSFET
-
-
12
A
Forward voltage
VSD
VGS=0V, IS=3.0A
-
-
1.4
V
Reverse recovery time
trr
-
642
-
Reverse recovery charge
Qrr
IS=3.0A, VGS=0V
dIS/dt=100A/
-
4.0
-
μC
Note ;
① Repetitive rating : Pulse width limited by maximum junction temperature
② L=67mH, I
AS=3.0A, VDD=50V, RG=25Ω
③ Pulse Test : Pulse width≤ 300 , Duty cycle≤ 2%
④ Essentially independent of operating temperature


同様の部品番号 - STK0380P

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
STK0380D KODENSHI-STK0380D Datasheet
373Kb / 8P
   SWWITCHINNG REGGULATOOR APPLICATIOON
STK0380F KODENSHI-STK0380F Datasheet
372Kb / 8P
   SWITCHING REGULATOR APPLICATION
logo
VBsemi Electronics Co.,...
STK0380F VBSEMI-STK0380F Datasheet
2Mb / 9P
   Power MOSFET
More results

同様の説明 - STK0380P

メーカー部品番号データシート部品情報
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com