データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1018 データシート(PDF) 4 Page - AUK corp

部品番号 SL1018
部品情報  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 データシート(HTML) 4 Page - AUK corp

  SL1018_1 Datasheet HTML 1Page - AUK corp SL1018_1 Datasheet HTML 2Page - AUK corp SL1018_1 Datasheet HTML 3Page - AUK corp SL1018_1 Datasheet HTML 4Page - AUK corp SL1018_1 Datasheet HTML 5Page - AUK corp SL1018_1 Datasheet HTML 6Page - AUK corp SL1018_1 Datasheet HTML 7Page - AUK corp SL1018_1 Datasheet HTML 8Page - AUK corp SL1018_1 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KSI-W016-000
4
Electrical Characteristics(continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Signal Meter Output 2
V
SM2
V
IN = 50dBμ
0.8
1.4
2
V
Signal Meter Output 3
V
SM3
V
IN = 70dBμ
1.6
2.4
3.2
V
Signal Meter Output 4
V
SM4
V
IN = 100dBμ
4.5
5.3
6
V
Muting Drive Output 1
V
MD1
Quiescent
3.5
4.2
5
V
Muting Drive Output 2
V
MD2
V
IN = 100dBμ
0
0
0.3
V
AGC Output 1
V
O (AGC)1
Quiescent
3.5
4.1
4.5
V
AGC Output 2
V
O (AGC)2
V
IN = 100dBμ
0
0.02
0.3
V
Offset Voltage 1
V
OS1
Quiescent, Pin 7 to 13
-0.25
0
+0.25
V
Offset Voltage 2
V
OS2
Quiescent, Pin 8 to 13
-0.5
0
+0.5
V
Information On Muting Characteristics
The muting operation is performed by an AF mute amplifier, the gain of which decreases
with the increased gain control current applied to the pin 6. (The control current is supplied
by a muting drive circuit and change continuously the gain of an AF mute amplifier) But the
gain does not decrease further when the control current reaches approximately 120 or
higher. The lower limit of the gain under this condition depends on a resistor connected
between the pin5 and the ground. And the more the resistance increases, the more the
gain decreases. Thus the maximum attenuation will be set by connecting the resistor
between the pin5 and the ground. Fig.1 shows the muting attenuation with different R
5
between the pin5 and the ground.
SL1018
AF Output:
SL1018
5
6
8
R 5
I 6
PIN6 Current I 6 (uA)
100
200
-10
-20
-30
R 5 = 20KΩ
R 5 = 100KΩ
0
- Fig. 1 -
SL1018


同様の部品番号 - SL1018_1

メーカー部品番号データシート部品情報
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results

同様の説明 - SL1018_1

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com