データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1018 データシート(PDF) 1 Page - AUK corp

部品番号 SL1018
部品情報  FM IF SYSTEM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

SL1018 データシート(HTML) 1 Page - AUK corp

  SL1018_1 Datasheet HTML 1Page - AUK corp SL1018_1 Datasheet HTML 2Page - AUK corp SL1018_1 Datasheet HTML 3Page - AUK corp SL1018_1 Datasheet HTML 4Page - AUK corp SL1018_1 Datasheet HTML 5Page - AUK corp SL1018_1 Datasheet HTML 6Page - AUK corp SL1018_1 Datasheet HTML 7Page - AUK corp SL1018_1 Datasheet HTML 8Page - AUK corp SL1018_1 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KSI-W016-000
1
SL1018
FM IF SYSTEM
Description
The SL1018 has versatile muting characteristics and allows receiver designers to realize the
muting performance according to their design concept.
Functions
• FM IF Amplifier/Limiter • Quadrature Detector • AFC Clamp • AGC Drive
• AF Mute Amplifier • Signal Meter Drive • DC Level Detector
Features
Adjustable muting sensitivity
• Soft muting function
• Variable maximum muting attenuation (6dB~40dB)
• Variable muting slope with respect to input signal level
High limiting sensitivity with muting off
• Good S/N ratio
• Clamped AFC output • Delayed AGC output for front end circuit
• Recommended supply voltage: VCC =8V
• Operating supply voltage range: VCC =7.5V~16V
• Low distortion • Good AMR
Application
• FM car stereo receiver
Ordering Information
Type NO.
Marking
Package Code
SL1018
SL1018
ZIP16
Outline Dimensions
unit : mm
3.0
0.254
3.00
3.23
1.78
7.11
0.51
12.12
22.48
0.51
1.50
φ1.27•0.31d
5.49
1.52
1.02
45o
24.38
15.24
2 •
φ3.05 • 0.13
d
φ1.52•0.13d
3.0
3.05
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


同様の部品番号 - SL1018_1

メーカー部品番号データシート部品情報
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results

同様の説明 - SL1018_1

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com