データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTLP1394 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74GTLP1394
部品情報  2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP1394 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74GTLP1394 Datasheet HTML 3Page - Texas Instruments SN74GTLP1394 Datasheet HTML 4Page - Texas Instruments SN74GTLP1394 Datasheet HTML 5Page - Texas Instruments SN74GTLP1394 Datasheet HTML 6Page - Texas Instruments SN74GTLP1394 Datasheet HTML 7Page - Texas Instruments SN74GTLP1394 Datasheet HTML 8Page - Texas Instruments SN74GTLP1394 Datasheet HTML 9Page - Texas Instruments SN74GTLP1394 Datasheet HTML 10Page - Texas Instruments SN74GTLP1394 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
Switching Characteristics
SN74GTLP1394
2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SCES286F – OCTOBER 1999 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTLP (see Figure 1)
FROM
TO
PARAMETER
EDGE RATE(1)
MIN TYP(2)
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
3.3
5.9
A
B
Slow
ns
tPHL
3
6.6
tPLH
2.5
5.2
A
B
Fast
ns
tPHL
1.9
4.8
tPLH
5.4
9
A
Y
Slow
ns
tPHL
4.9
8.6
tPLH
4.3
7.9
A
Y
Fast
ns
tPHL
3.9
7.5
tPLH
3
6.5
T/C
B
Slow
ns
tPHL
3.1
6.6
tPLH
2.3
5.6
T/C
B
Fast
ns
tPHL
1.7
4.9
ten
3.2
6.2
OEAB
B
Slow
ns
tdis
3.2
6.4
ten
1.9
5.3
OEAB
B
Fast
ns
tdis
2.4
5.7
Slow
2.7
tr
Rise time, B outputs (20% to 80%)
ns
Fast
1.5
Slow
3.2
tf
Fall time, B outputs (80% to 20%)
ns
Fast
2.1
tPLH
1.6
4.6
B
Y
ns
tPHL
1.4
3.9
tPLH
1
4.5
T/C
Y
ns
tPHL
1.2
4.1
ten
1
4.1
OEBY
Y
ns
tdis
1.3
4.6
(1)
Slow (ERC = GND) and Fast (ERC = VCC)
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
7


同様の部品番号 - SN74GTLP1394

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394D TI-SN74GTLP1394D Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
SN74GTLP1394D TI1-SN74GTLP1394D Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394DGV TI-SN74GTLP1394DGV Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results

同様の説明 - SN74GTLP1394

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP22033 TI1-SN74GTLP22033 Datasheet
645Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP22034 TI-SN74GTLP22034 Datasheet
366Kb / 20P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2033 TI-SN74GTLP2033 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SN74GTLP2034 TI-SN74GTLP2034 Datasheet
435Kb / 21P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394 Datasheet
143Kb / 9P
[Old version datasheet]   2-BIT LVTTL-TO-GTL ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com