データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL12T データシート(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

部品番号 TSL12T
部品情報  LIGHT-TO-VOLTAGE CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
ホームページ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12T データシート(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL12T Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
7
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
TSL13T
Figure 9
RISING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
4
8
12
16
20
tr
tdr
Min VO = 0 V
Figure 10
RISING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
4
8
12
16
20
tr
tdr
Min VO = 0.5 V
Figure 11
FALLING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
5
10
15
20
25
30
tf
tdf
Min VO = 0 V
Figure 12
FALLING EDGE DYNAMIC CHARACTERISTICS
vs.
PEAK OUTPUT VOLTAGE
VO − Peak Output Voltage − V
0.5
1
1.5
2
2.5
3
3.5
4
0
0
5
10
15
20
25
30
tf
tdf
Min VO = 0.5 V


同様の部品番号 - TSL12T

メーカー部品番号データシート部品情報
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
More results

同様の説明 - TSL12T

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
   HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com