データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CY26-VY0DD データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CY26-VY0DD
部品情報  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CY26-VY0DD データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CY26-VY0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY26-VY0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Part Numbering System
Absolute Maximum Rating TA = 25°C
Parameter
White
Unit
DC Forward Current
30
mA
Peak Forward Current
00[]
mA
Power Dissipation
6
mW
Reverse Voltage
5 (IR = 0 μA)
V
LED Junction Temperature
0
°C
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +00
°C
Notes:
1. DeratelinearlyasshowninFigure2
2. DutyFactor10%,frequency1kHz.
Optical/ Electrical Performance at 25°C
Parameter
Symbol
Min
Typ
Max
Units
Test Condition
Forward Voltage
VF
.8
3.
3.8
V
IF = 0 mA
Reverse Voltage
VR
5.0
V
IR = 0 µA
Thermal Resistance
J-PIN
40
˚C/W
LED junction to anode lead
Chromaticity Coordinate
X
y
0.4
0.39
IF = 0 mA
Notes:
1.ThereversevoltageoftheproductisequivalenttotheforwardvoltageoftheprotectivechipatIR=10µA
2.ThechromaticitycoordinatesarederivedfromtheCIE1931ChromaticityDiagramandrepresenttheperceivedcolorofthedevice.
HLMP - C Y xx - x x x xx
Packaging Option
DD: Ammopacks
Color Bin Selection
0: Open distribution
Maximum Intensity Bin
0: No maximum intensity limit
Minimum Intensity Bin
Refer to Device Selection Guide
Viewing Angle
Color:
Y: Warm White
Package
C: 5mm round Lamps
11/12: 15° package
26/27: 23° package
36/37: 30° package
46/47: 50° package


同様の部品番号 - HLMP-CY26-VY0DD

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

同様の説明 - HLMP-CY26-VY0DD

メーカー部品番号データシート部品情報
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com