データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-AB87 データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-AB87
部品情報  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB87 データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AB87 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Packaging Label
(i) AvagoMotherLabel:(Availableonpackagingboxofammopackandshippingbox)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN
(9D) MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
REV:
DeptID:
STANDARD LABEL LS0002
RoHS Compliant
e1 max temp 250C
Packaging Box for Ammo Packs
Note: ForInGa��device,theammopackpackagingboxcontainsESDlogo.
FROM LEFT SIDE OF BOX,
ADHESIVE TAPE MUST BE
FACING UPWARD.
AVAGO
TECHNOLOGIES
ANODE
MOTHER
LABEL
CATHODE
C
A
+
ANODE LEAD LEAVES
THE BOX FIRST.
LABEL ON
THIS SIDE
OF BOX.


同様の部品番号 - HLMP-AB87

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
HLMP-AB87-MQ0XX HP-HLMP-AB87-MQ0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

同様の説明 - HLMP-AB87

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com