データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-HD55 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-HD55
部品情報  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD55 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD55 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•  Well defined spatial radiation pattern
•  High brightness material
•  Available in red, green and blue color 
Red AlInGaP 630 nm   
Green InGaN 525 nm   
Blue InGaN 470 nm
•  Tinted and diffused
Benefits
•  Viewing angle designed for wide field of view applica-
tions
•  Superior performance for outdoor environments
Applications
•  Full color signs
•  Commercial outdoor advertising
Description
These  Precision  Optical  Performance  Oval  LEDs  are 
specifically designed for full color/video and passenger 
information signs. The oval shaped radiation pattern and 
high luminous intensity ensure these devices are excellent 
for wide field of view outdoor applications where a wide 
viewing angle and readability in sunlight are essential. 
These lamps have very smooth, matched radiation pat-
terns ensuring consistent color mixing in full color applica-
tions, message uniformity across the viewing angle of the 
sign. High efficiency LED material is used in these lamps: 
higher performance Aluminum Indium Gallium Phosphide 
(AlInGaP II) for red color, Indium Gallium Nitride (InGaN) 
for blue and green. Each lamp is made with an advance 
optical grade epoxy offering superior high temperature 
and high moisture resistance in outdoor applications. 
The package epoxy contains both UV-A and UV-B inhibi-
tors to reduce the effects of long term exposure to direct 
sunlight.
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-HD55, HLMP-HM57, HLMP-HB57
Precision Optical Performance Red, Green and Blue
5 mm Standard Oval LEDs
Data Sheet


同様の部品番号 - HLMP-HD55

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results

同様の説明 - HLMP-HD55

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com