データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-HD55 データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-HD55
部品情報  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD55 データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD55 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Electrical/Optical Characteristics
TA = 25°C
Value
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Condition
Forward Voltage 
VF
V 
IF = 20 mA 
Red 
2.0 
2.20 
2.40 
   
Green 
2.8 
3.30 
3.85 
Blue 
2.8 
3.20 
3.85 
Reverse Voltage 
VR
V
Red 
5.0 
IR = 100 µA 
Green, Blue 
5.0 
IR = 10 µA
Capacitance 
C 
pF 
VF = 0, f = 1 MHz   
Red 
40 
Green 
65 
Blue 
64
Thermal Resistance[1]
RqJ-PIN
240 
°C/W 
LED Junction-to-Pin
Dominant Wavelength[2,3]
ld
nm 
IF = 20 mA
Red 
622 
630 
634 
   
Green 
520 
525 
540 
Blue 
460 
470 
480 
Peak Wavelength 
lPEAK 
nm 
Peak of Wavelength of Spectral  
Red 
639 
Distribution at IF = 20 mA 
Green 
516 
Blue 
464 
Spectral Half Width 
Dl1/2
nm 
Wavelength Width at Spectral
Red 
17 
Distribution 1/2 Power Point at 
Green 
32 
IF = 20 mA 
Blue 
23 
Luminous Efficacy[4]
hv
lm/W 
Emitted Luminous
Red 
155 
Power/Emitted Radiant Power 
Green 
520 
Blue 
75
Luminous Flux 
Red 
jV
1300 
mlm 
IF = 20 mA 
Green 
3000 
Blue 
600
Luminous Efficiency [5]
he
Red 
30 
lm/W 
Luminous Flux/Electrical Power 
Green 
50 
IF = 20 mA 
Blue 
10
Notes:
1.  For AlInGaP Red, the thermal resistance applied to LED junction to cathode lead. For InGaN Blue and Green, the thermal resistance applied to 
LED junction to anode lead.
2.  The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp.
3.  Tolerance for each color bin limit is ± 0.5 nm.
4.  The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is 
the luminous efficacy in lumens/watt.
5.  he = jV / IF  x VF , where jV  is the emitted luminous flux, IF  is electrical forward current and VF  is the forward voltage.


同様の部品番号 - HLMP-HD55

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results

同様の説明 - HLMP-HD55

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com