データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1981BLJSTZ-REEL2 データシート(PDF) 8 Page - Analog Devices

部品番号 AD1981BLJSTZ-REEL2
部品情報  AC ??7 SoundMAX짰 Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ-REEL2 データシート(HTML) 8 Page - Analog Devices

Back Button AD1981BLJSTZ-REEL2 Datasheet HTML 4Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 5Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 6Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 9Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 10Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 11Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. 0
AD1981BL
–8–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
I/O
Function
DIGITAL I/O
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock Input.
3
XTL_OUT
O
Crystal Output.
5SDATA_OUT
I
AC-Link Serial Data Output, AD1981BL Data Input Stream.
6
BIT_CLK
O/I
AC-Link Bit Clock Output (12.288 MHz) or Bit Clock Input if Secondary Mod e
Selected.
8SDATA_IN
O
AC-Link Serial Data Input, AD1981BL Data Output Stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset, AD1981BL Master Hardware Reset.
48
SPDIF
O
S/PDIF Output.
CHIP SELECTS (These pins can also be used to select an external clock. See Table IX.)
45
ID0
I
Chip Select Input 0 (Active Low). This pin can also be used as the chain input from
a secondary codec.
46
ID1
I
Chip Select Input 1 (Active Low).
JACK SENSE AND EAPD
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
47
EAPD
O
External Amp Power-Down Control.
ANALOG I/O
13
PHONE_IN
I
Phone Input. Mono input from telephony subsystem speaker phone or handset.
14
AUX_L
I
Auxiliary Input Left Channel.
15
AUX_R
I
Auxiliary Input Right Channel.
18
CD_L
I
CD Audio Left Channel.
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input.
20
CD_ R
I
CD Audio Right Channel.
21
MIC1
I
Microphone 1 Input (Mono) or Left Channel when 2-Channel Mode
Selected (Stereo MIC).
22
MIC2
I
Microphone 2 Input (Mono) or Right Channel when 2-Channel Mode
Selected (Stereo MIC).
23
LINE_IN_L
I
Line In Left Channel.
24
LINE_IN_R
I
Line In Right Channel.
35
LINE_OUT_L
O
Line Out (Front) Left Channel.
36
LINE_OUT_R
O
Line Out (Front) Right Channel.
37
MONO_OUT
O
Monaural Output to Telephony Subsystem Speakerphone.
39
HP_OUT_L
O
Headphone Left Channel Output.
41
HP_OUT_R
O
Headphone Right Channel Output.
FILTER/REFERENCE (These signals are connected to resistors, capacitors, or specific voltages.)
27
VREF
O
Voltage Reference Filter.
28
VREFOUT
O
Voltage Reference Output 5 mA Drive (Intended for MIC Bias and Power Amp Bias).
29
AFILT1
O
Antialiasing Filter Capacitor—ADC Right Channel.
30
AFILT2
O
Antialiasing Filter Capacitor—ADC Left Channel.
31
AFILT3
O
Antialiasing Filter Capacitor—Mixer ADC Right Channel.
32
AFILT4
O
Antialiasing Filter Capacitor—Mixer ADC Left Channel.
POWER AND GROUND SIGNALS
1DVDD1I
Digital VDD 3.3 V.
4DVSS1I
Digital GND.
7DVSS2I
Digital GND.
9DVDD2I
Digital VDD 3.3 V.
25
AVDD1I
Analog VDD 5.0 V.
26
AVSS1I
Analog GND.
38
AVDD2I
Analog VDD 5.0 V.
40
AVSS2I
Analog GND.
43
AVDD3I
Analog VDD 5.0 V.
44
AVSS3I
Analog GND.
34
AVDD4I
Analog VDD 5.0 V.
33
AVSS4I
Analog GND.
NO CONNECTS
12
NC
No Connect.
42
NC
No Connect.


同様の部品番号 - AD1981BLJSTZ-REEL2

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1981BLJSTZ-REEL AD-AD1981BLJSTZ-REEL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

同様の説明 - AD1981BLJSTZ-REEL2

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1988A AD-AD1988A Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com