データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACPF-7001 データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 ACPF-7001
部品情報  High Rejection Tx Filter for US PCS Band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7001 データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 10a. Device orientation in the tape.
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Notes:
1. Material polyester and acrylic adhesive layers
2. All dimensions in mm, except tape length.
3. Surface resistivity: 106 to 1012 ohms/sq
Figure 10b. Device orientation in the tape.
11XX
TXXX
11XX
TXXX
11XX
TXXX
End View
Top View
User Feed Direction
Empty Pocket/Cavity
Leader: 125 Pocket - 1 Meter
Trailer: 125 Pocket - 1 Meter
Ordering Information
Specify part number followed by option. For example:
ACPF-7001-XXX
Option Descriptions
-BLK = Bulk, 100 pcs. per antistatic bag
-TR1 = Tape and Reel, 1000 devices per 7" reel
Bulk or Tape and Reel option
Castellation height: 0.35 mm
Total height: 1.1 mm (typ)
1.25 mm (max)
Shaded region: grounded
8
9
12
76
5
3
4
0.50
± 0.15
0.50
± 0.15
Orientation
Feature
3.0
± 0.15 SQ
0.60
± 0.15
1.40 SQ
0.30 DIA
0.20 DIA
0.40
0.30 MIN
0.40
± 0.15
SIDE VIEW
1.25 max
0.35
± 0.15 8X
Figure 11. Detailed bottom and side view of package (dimensions in mm).


同様の部品番号 - ACPF-7001

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
ACPF-7001-BLK HP-ACPF-7001-BLK Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
ACPF-7001-TR1 HP-ACPF-7001-TR1 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
More results

同様の説明 - ACPF-7001

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
   High Rejection Tx Filter for US PCS Band
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7003 AVAGO-ACPF-7003 Datasheet
579Kb / 8P
   High Rx and Image Rejection Tx Filter for US PCS Band
logo
Infineon Technologies A...
NWT190 INFINEON-NWT190 Datasheet
139Kb / 7P
   CDMA TX Full Band BAW-filter for US PCS
V2.2 26.Nov.2003
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
   SAW Band Pass Filter for US-PCS
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
   US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
   US-PCS, RF-Tx SAW Filter
logo
TEMEX
TMXW348 TEMEX-TMXW348 Datasheet
306Kb / 5P
   SAW Bandpass Filter - US PCS Tx - RF
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
   FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com