データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54HC162 データシート(PDF) 8 Page - Texas Instruments

部品番号 CD54HC162
部品情報  BCD SYNCHRONOUS DECADE COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD54HC162 データシート(HTML) 8 Page - Texas Instruments

Back Button CD54HC162 Datasheet HTML 4Page - Texas Instruments CD54HC162 Datasheet HTML 5Page - Texas Instruments CD54HC162 Datasheet HTML 6Page - Texas Instruments CD54HC162 Datasheet HTML 7Page - Texas Instruments CD54HC162 Datasheet HTML 8Page - Texas Instruments CD54HC162 Datasheet HTML 9Page - Texas Instruments CD54HC162 Datasheet HTML 10Page - Texas Instruments CD54HC162 Datasheet HTML 11Page - Texas Instruments CD54HC162 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 4.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
CD54HC160
CD54HC162
UNIT
MIN
MAX
MIN
MAX
fmax
Maximum frequency
CLK
30
20
MHz
t
Pulse duration
CLK low
16
24
ns
tw
Pulse duration
CLR low (’160 only)
20
30
ns
Data (A, B, C, and D)
12
18
ENP, ENT
10
15
tsu
Setup time before CLK
LOAD low
12
18
ns
CLR (’162 only)
13
20
CLR high (’160 only)
15
22
Data (A, B, C, and D)
3
3
th
Hold time after CLK
ENP, ENT
0
0
ns
LOAD low
3
3
timing requirements over recommended operating free-air temperature range, VCC = 6 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
CD54HC160
CD54HC162
UNIT
MIN
MAX
MIN
MAX
fmax
Maximum frequency
CLK
35
24
MHz
t
Pulse duration
CLK low
14
20
ns
tw
Pulse duration
CLR low (’160 only)
17
26
ns
Data (A, B, C, and D)
10
15
ENP, ENT
9
13
tsu
Setup time before CLK
LOAD low
10
15
ns
CLR (’162 only)
11
17
CLR high (’160 only)
13
19
Data (A, B, C, and D)
3
3
th
Hold time after CLK
ENP, ENT
0
0
ns
LOAD low
3
3


同様の部品番号 - CD54HC162

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC162 TI-CD54HC162 Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
CD54HC162F3A TI-CD54HC162F3A Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
More results

同様の説明 - CD54HC162

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
   Synchronous Decade Counters(synchronous clear)
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com