データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CW76-PQBXX データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CW76-PQBXX
部品情報  T-1(5mm) Extra Bright Precision Optical Performance White LED Lamps.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW76-PQBXX データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW76-PQBXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76-PQBXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
5
10
15
20
25
30
35
0
20
40
60
80
100
AMBIENT TEMPERATURE - ˚C
R
θJ-A = 585˚C/W
R
θJ-A = 780˚C/W
Figure 3. Relative Intensity versus DC
Forward Current
Figure 1. Relative Intensity vs. Wavelength
Figure 2. Forward Current vs. Ambient
Temperature
Electrical/Optical Characteristics TA = 25oC
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10 µA
2. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
Parameters
Symbol
Min
Typ
Max
Units
Test Condition
Forward voltage
VF
3.2
4.0
V
IF = 20 mA
Reverse Voltage [1]
VR
5.0
V
IR = 10
µA
Thermal resistance
R
θ
J-PIN
240
oC/W
LED Junction to anode lead
Chromaticity Coordinates [2]
X
Y
0.31
0.31
IF = 20 mA
Capacitance
C
70
VF=0, f=1MHz
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
WAVELENGTH - nm
0
0.3
0.6
0.9
1.2
1.5
010
20
30
FORWARD CURRENT - mA
Notes:
1. Derate linearly as shown in figure 2.
2. Duty factor 10%, frequency 1KHz
Absolute Maximum Rating at TA = 25oC
Parameters
Value
Unit
DC forward current [1]
30
mA
Peak pulsed forward current [2]
100
mA
Power dissipation
105
mW
LED junction temperature
110
oC
Operating temperature range
-40 to +85
oC
Storage temperature range
-40 to +100
oC


同様の部品番号 - HLMP-CW76-PQBXX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CW70-LMBXX AVAGO-HLMP-CW70-LMBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
More results

同様の説明 - HLMP-CW76-PQBXX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE17 AVAGO-HLMP-CE17 Datasheet
378Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-35CDD AVAGO-HLMP-CE13-35CDD Datasheet
225Kb / 9P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-24CDD AVAGO-HLMP-CE13-24CDD Datasheet
380Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CYXX AVAGO-HLMP-CYXX Datasheet
292Kb / 9P
   Precision Optical Performance 5mm Round Warm White LED Lamps
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com