データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CB30-K00XX データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CB30-K00XX
部品情報  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-K00XX データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CB30-K00XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-K00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Absolute Maximum Rating at TA = 25°C
Parameters
Value
Unit
DC Forward Current [1]
30
mA
Peak Pulsed Forward Current[2]
100
mA
Power Dissipation
116
mW
LED Junction Temperature
130
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 2.
2. Duty factor 10%, frequency 1 KHz.
Electrical/Optical Characteristics
TA = 25oC
Blue
Green
Cyan
Parameters
Symbol
Min. Typ. Max.
Min. Typ. Max.
Min. Typ. Max.
Units
Test Condition
Forward Voltage
VF
3.2
3.85
3.3
3.85
3.2
3.85
V
IF = 20 mA
Reverse Voltage[1]
VR
5.0
5.0
5.0
V
IR = 10 µA
Thermal Resistance
RqJ-PIN
240
240
240
oC/W
LED Junction to
Anode Lead
Dominant
ld
460
470 480
520
525 540
490 505 508
nm
IF = 20 mA
Wavelength[2]
Peak Wavelength
lPEAK
464
516
501
nm
Peak of Wavelength
of Spectral Distribu-
tion at IF = 20 mA
Spectral Half Width
Dl1/2
23
32
30
nm
Wavelength Width
at Spectral Distribu-
tion Power Point
at IF = 20 mA
Luminous Efficacy[3]
hv
74
484
319
lm/W
Emitted Luminous
Power/Emitted
Radiant Power
Notes:
1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at IR = 10
µA.
2. The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp.
3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-CB30-K00XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-K0000 AVAGO-HLMP-CB30-K0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB30-K00DD AVAGO-HLMP-CB30-K00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

同様の説明 - HLMP-CB30-K00XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com