データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CM37-X10XX データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CM37-X10XX
部品情報  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM37-X10XX データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM37-X10XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-X10XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
These high intensity blue, green, and cyan LEDs
are based on the most efficient and cost effective
InGaN material technology. The 470 nm typical
dominant wave–length for blue and 525 nm typical
wavelength for green is well suited to color mixing
in full color signs. The 505 nm typical dominant
wavelength for cyan is suitable for traffic signal
application.
These LED lamps are untinted, non-diffused, T-13/4
packages incorporating second generation optics
which produce well-defined spatial radiation
patterns at specific viewing cone angles.
These lamps are made with an advanced optical
grade epoxy, offering superior temperature and
moisture resistance in outdoor signal and sign
applications. The high maximum LED junction
temperature limit of +110°C enables high
temperature operation in bright sunlight
conditions.
Features
• Well defined spatial radiation pattern
• High luminous output
• Available in blue, green, and cyan color
• Viewing angle: 15°, 23° and 30°
• Standoff or non-standoff leads
• Superior resistance to moisture
Applications
• Traffic signals
• Commercial outdoor advertising
• Front panel backlighting
• Front panel indicator
HLMP-CB11, HLMP-CB12, HLMP-CM11,
HLMP-CM12, HLMP-CE11, HLMP-CE12,
HLMP-CB26, HLMP-CB27, HLMP-CM26,
HLMP-CM27, HLMP-CE26, HLMP-CE27,
HLMP-CB36, HLMP-CB37, HLMP-CM36,
HLMP-CM37, HLMP-CE36, HLMP-CE37
CAUTION: Devices are Class I ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-Cxxx
T-13/4 (5 mm) Extra Bright Precision Optical
Performance InGaN LED Lamps
Data Sheet


同様の部品番号 - HLMP-CM37-X10XX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-CM37-X10XX HP-HLMP-CM37-X10XX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

同様の説明 - HLMP-CM37-X10XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com