データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1084-15TU3UF データシート(PDF) 1 Page - Global Mixed-mode Technology Inc

部品番号 G1084-15TU3UF
部品情報  5A Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GMT [Global Mixed-mode Technology Inc]
ホームページ  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084-15TU3UF データシート(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1084-15TU3UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084-15TU3UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 0.9
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1084-XX
Global Mixed-mode Technology Inc.
5A Low-Dropout Linear Regulator
Features
Available in 1.5V, 1.8V, 2.5V, 3.3V version
TO-252,TO-263 and TO-263T package
Internal short circuit current limiting
Internal over temperature protection
Output current 5A
Applications
Post regulation for switching DC/DC con-
verter
High efficiency linear regulator
Battery powered instrumentation
Motherboard
General Description
The G1084-XX is a low dropout linear regulator
with a dropout of 1.3V at 5A of load current. It is
available in three fixed voltages: 1.5V, 1.8V, 2.5V
and 3.3V. Refer to the G1084 for the adjustable
version.
The G1084-XX provides over temperature and
over current protection circuits to prevent it from
being damaged by abnormal operating conditions.
The G1084-XX is available in TO-252, TO-263 and
TO-263T packages. A minimum of 220µF tanta-
lum electrolytic capacitor is required at the output
to improve the transient response and stability.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
G1084-15T43U
G1084-15T43Uf
G1084-15
-40°C to +85°C
TO-252
GND
VOUT
VIN
G1084-18T43U
G1084-18T43Uf
G1084-18
-40°C to +85°C
TO-252
GND
VOUT
VIN
G1084-25T43U
G1084-25T43Uf
G1084-25
-40°C to +85°C
TO-252
GND
VOUT
VIN
G1084-33T43U
G1084-33T43Uf
G1084-33
-40°C to +85°C
TO-252
GND
VOUT
VIN
G1084-15T53U
G1084-15T53Uf
G1084-15
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1084-18T53U
G1084-18T53Uf
G1084-18
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1084-25T53U
G1084-25T53Uf
G1084-25
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1084-33T53U
G1084-33T53Uf
G1084-33
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1084-15TU3U
G1084-15TU3Uf
G1084-15
-40°C to +85°C
TO-263T
GND
VOUT
VIN
G1084-18TU3U
G1084-18TU3Uf
G1084-18
-40°C to +85°C
TO-263T
GND
VOUT
VIN
G1084-25TU3U
G1084-25TU3Uf
G1084-25
-40°C to +85°C
TO-263T
GND
VOUT
VIN
G1084-33TU3U
G1084-33TU3Uf
G1084-33
-40°C to +85°C
TO-263T
GND
VOUT
VIN
* For other package types and pin options, please contact us at sales@gmt.com.tw
Note: T4: TO-252
T5: TO-263
TU: TO-263T (thin)
3: Bonding Code
U: Tape & Reel
Package Type
Typical Application
[Note 4]: Type of COUT
V
IN
G1084-XX
C1
220µF
V
OUT
I
O
C
OUT
220µF
GND
VIN
VOUT
Top View
1
2
3
TO-252/
TO-263/TO-263T
V
IN
G1084-XX
C1
220µF
V
OUT
I
O
C
OUT
220µF
GND
VIN
VOUT
Top View
1
2
3
TO-252/
TO-263/TO-263T


同様の部品番号 - G1084-15TU3UF

メーカー部品番号データシート部品情報
logo
Global Mixed-mode Techn...
G1084-15T43U GMT-G1084-15T43U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
More results

同様の説明 - G1084-15TU3UF

メーカー部品番号データシート部品情報
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com