データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CE31-SVQXX データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CE31-SVQXX
部品情報  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE31-SVQXX データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CE31-SVQXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE31-SVQXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Device Selection Guide
Typical
Viewing Angle,
Intensity (cd) at 20 mA
Package
Part Number
Color
2q1/2 (Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
2.5
7.2
No
A
Clear
HLMP-CB11-UVAxx
Blue
15
3.2
5.5
No
A
Clear
HLMP-CB12-TW0xx
Blue
15
2.5
7.2
Yes
B
Clear
HLMP-CM11-Y20xx
Green
15
9.3
27.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
12.0
21.0
No
A
Clear
HLMP-CM12-Y20xx
Green
15
9.3
27.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.2
21.0
No
A
Clear
HLMP-CE12-X10xx
Cyan
15
7.2
21.0
Yes
B
Clear
HLMP-CB26-SV0xx
Blue
23
1.9
5.5
No
A
Clear
HLMP-CB26-TUDxx
Blue
23
2.5
4.2
No
A
Clear
HLMP-CB27-SV0xx
Blue
23
1.9
5.5
Yes
B
Clear
HLMP-CM26-X10xx
Green
23
7.2
21.0
No
A
Clear
HLMP-CM26-YZCxx
Green
23
9.3
16.0
No
A
Clear
HLMP-CM27-X10xx
Green
23
7.2
21.0
Yes
B
Clear
HLMP-CE26-WZ0xx
Cyan
23
5.5
16.0
No
A
Clear
HLMP-CE27-WZ0xx
Cyan
23
5.5
16.0
Yes
B
Clear
HLMP-CB36-QT0xx
Blue
30
1.15
3.2
No
A
Clear
HLMP-CB36-RSAxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB36-RSBxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB37-RU0xx
Blue
30
1.5
4.2
Yes
B
Clear
HLMP-CB37-RSDxx
Blue
30
1.5
2.5
Yes
B
Clear
HLMP-CM36-X10xx
Green
30
7.2
21.0
No
A
Clear
HLMP-CM36-XYCxx
Green
30
7.2
12.0
No
A
Clear
HLMP-CM37-X10xx
Green
30
7.2
21.0
Yes
B
Clear
HLMP-CM37-XYCxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CM37-XYDxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CE36-WZ0xx
Cyan
30
5.5
16.0
No
A
Clear
HLMP-CE37-WZ0xx
Cyan
30
5.5
16.0
Yes
B
Clear
Notes:
1. Tolerance for luminous intensity measurement is
±15%.
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.


同様の部品番号 - HLMP-CE31-SVQXX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE31-SVQ00 AVAGO-HLMP-CE31-SVQ00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE31-SVQDD AVAGO-HLMP-CE31-SVQDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

同様の説明 - HLMP-CE31-SVQXX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com