データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC367DRE4 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC367DRE4
部品情報  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC367DRE4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74HC367DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC367DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HC367PWTG4
ACTIVE
TSSOP
PW
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HC367FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54HC367J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


同様の部品番号 - SN74HC367DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC367DRE4 TI-SN74HC367DRE4 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DRE4 TI-SN74HC367DRE4 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DRE4 TI1-SN74HC367DRE4 Datasheet
806Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS
More results

同様の説明 - SN74HC367DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com