データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

KK74LS86 データシート(PDF) 3 Page - KODENSHI KOREA CORP.

部品番号. KK74LS86
部品情報  Quad 2-Input Exclusive OR Gate
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  KODENSHI [KODENSHI KOREA CORP.]
ホームページ  http://www.kodenshi.co.kr
Logo 

KK74LS86 Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KK74LS86
AC ELECTRICAL CHARACTERISTICS (TA=25°C, VCC = 5.0 V, CL = 15 pF, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Input A or B to Output Y
(Other input low)
23
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input low)
17
ns
tPLH
Propagation Delay, Input A or B to Output Y
(Other input high)
30
ns
tPHL
Propagation Delay, Input A or B to Output Y
(Other input high)
22
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Test Circuit
3


Html ページ

1  2  3  4 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SN74LS86_01Quad 2-Input Exclusive OR Gate 1 2 3 4 ON Semiconductor
KK74HCT86AQuad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74ACT86Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HC86AQuad 2-Input Exclusive OR Gate 1 2 3 4 5 KODENSHI KOREA CORP.
KK74AC86Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVQ86_01Low Voltage Quad 2-Input Exclusive-OR Gate 1 2 3 4 5 Fairchild Semiconductor
SL74LV08Quad 2-Input AND Gate 1 2 3 4 System Logic Semiconductor
KK74HC03AQuad 2-Input NAND Gate with Open-Drain Outputs High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
KK74HCT00AQuad 2-Input NAND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn