データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC125MXNL データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74VHC125MXNL
部品情報  Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC125MXNL データシート(HTML) 1 Page - Fairchild Semiconductor

  74VHC125MXNL Datasheet HTML 1Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 2Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 3Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 4Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 5Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 6Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 7Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 8Page - Fairchild Semiconductor 74VHC125MXNL Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC125 Rev. 1.4.0
December 2007
74VHC125
Quad Buffer with 3-STATE Outputs
Features
High Speed: tPD = 3.8ns (Typ.) at VCC = 5V
Lower power dissipation: ICC = 4 µA (Max.) at
TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Low noise: VOLP = 0.8V (Max.)
Pin and function compatible with 74HC125
General Description
The VHC125 contains four independent non-inverting
buffers with 3-STATE outputs. It is an advanced high-
speed CMOS device fabricated with silicon gate CMOS
technology and achieves the high-speed operation simi-
lar to equivalent Bipolar Schottky TTL while maintaining
the CMOS low power dissipation.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery
backup. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC125SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


同様の部品番号 - 74VHC125MXNL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC125MX FAIRCHILD-74VHC125MX Datasheet
77Kb / 8P
   Quad Buffer with 3-STATE Outputs
74VHC125MX_NL FAIRCHILD-74VHC125MX_NL Datasheet
77Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results

同様の説明 - 74VHC125MXNL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com