データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25L16-DG データシート(PDF) 6 Page - Ramtron International Corporation

部品番号 FM25L16-DG
部品情報  16Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16-DG データシート(HTML) 6 Page - Ramtron International Corporation

Back Button FM25L16-DG Datasheet HTML 2Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 3Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 4Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 5Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 6Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 7Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 8Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 9Page - Ramtron International Corporation FM25L16-DG Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FM25L16
Rev. 3.0
Aug. 2006
Page 6 of 14
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status Register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25L16 will return one byte with the
contents of the Status Register. The Status Register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive.
Note that on the FM25L16, /WP only prevents
writing to the Status Register, not the memory array.
Prior to sending the WRSR command, the user must
send a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25L16 are
multi-tiered. First, a WREN op-code must be issued
prior to any write operation. Assuming that writes are
enabled using WREN,
writes to
memory are
controlled by the Status Register. As described
above, writes to the status register are performed
using the WRSR command and subject to the /WP
pin. The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0 and cannot be modified.
Note that bit 0 (Ready in EEPROMs) is unnecessary
as the FRAM writes in real-time and is never busy.
The WPEN, BP1 and BP0 control write protection
features. They are nonvolatile (shaded yellow). The
WEL flag indicates the state of the Write Enable
Latch. Attempting to directly write the WEL bit in
the status register has no effect on its state. This bit
is internally set and cleared via the WREN and
WRDI commands, respectively.
BP1 and BP0 are memory block write protection
bits. They specify portions of memory that are write
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
600h to 7FFh (upper ¼)
1
0
400h to 7FFh (upper ½)
1
1
000h to 7FFh (all)


同様の部品番号 - FM25L16-DG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25L16-DG ETC-FM25L16-DG Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
More results

同様の説明 - FM25L16-DG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com