データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC08MX_NL データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VHC08MX_NL
部品情報  Quad 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC08MX_NL データシート(HTML) 4 Page - Fairchild Semiconductor

  74VHC08MX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74VHC08MX_NL Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC08 Rev. 1.3
4
DC Electrical Characteristics
Noise Characteristics
Note:
3. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.50
1.50
V
3.0–5.5
0.7 x VCC
0.7 x VCC
VIL
LOW Level Input
Voltage
2.0
0.50
0.50
V
3.0–5.5
0.3 x VCC
0.3 x VCC
VOH
HIGH Level
Output Voltage
2.0
VIN = VIH
or VIL
IOH = –50µA
1.9
2.0
1.9
V
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
3.0
IOH = –4mA
2.58
2.48
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level
Output Voltage
2.0
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
3.0
IOL = 4mA
0.36
0.44
4.5
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent
Supply Current
5.5
VIN = VCC or GND
2.0
20.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(3)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
0.3
0.8
V
VOLV
(3)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–0.3
–0.8
V
VIHD
(3)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
3.5
V
VILD
(3)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
1.5
V


同様の部品番号 - 74VHC08MX_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC08MX_NL FAIRCHILD-74VHC08MX_NL Datasheet
75Kb / 7P
   Quad 2-Input AND Gate
More results

同様の説明 - 74VHC08MX_NL

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com