データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD62551A データシート(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

部品番号 AD62551A
部品情報  USB controller with external Amplifier and Recording function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESMT [Elite Semiconductor Memory Technology Inc.]
ホームページ  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD62551A データシート(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD62551A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD62551A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD62551A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESMT
AD62551A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2007
Revision: 1.2
3/10
13
VDD
P
5V supply voltage
14
NC
NC
No connection
15
NC
NC
No connection
16
GND
P
Ground
17
S
/I
USB 2
I
Low is USB mode, high is I
2S mode
Schmitt trigger TTL input buffer
18
NC
NC
No connection
19
SEL
I
Mode selection bit
Schmitt trigger TTL input buffer
20
XO
O
Crystal output
21
XI
I
Crystal input
22
GND
P
Ground
23
REGO
O
3.3V regulator output
24
VDD
P
5V supply voltage
25
USBDM
I/O
USB data D-
26
USBDP
I/O
USB data D+
27
GND
P
Ground
28
VOLDN
I
Volume down, low active
With internal pull-up resistor
29
VOLUP
I
Volume up, low active
With internal pull-up resistor
30
MUTE
I
Power-down and mute of Class D
Schmitt trigger TTL input buffer
31
ERROR
O
Error output
Open-Drain output
32
RESET
I
Reset signal
Schmitt trigger TTL input buffer
Note1: Must be strapped resistor 1M
Ω to 3.3V(REGO) or GND. BCLK, LRCIN and PDO must be strapped
to GND. SDATAO is strapped to GND when AD62551A is button mode, otherwise strapped to 3.3V
when AD62551A is I
2C slave mode.
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply for regulator input
0
5.5
V
Vi
Input Voltage
-0.3
3.6
V
Tstg
Storage Temperature
-65
150
oC
Ta
Ambient Operating Temperature
0
70
oC
Recommended Operating Conditions
Symbol
Parameter
Typ
Units
VDD
Supply for regulator input
4.5~5.5
V
Ta
Ambient Operating Temperature
0~70
oC


同様の部品番号 - AD62551A

メーカー部品番号データシート部品情報
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
AD6255A ESMT-AD6255A Datasheet
239Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface and Recording function
More results

同様の説明 - AD62551A

メーカー部品番号データシート部品情報
logo
Elite Semiconductor Mem...
AD6255A ESMT-AD6255A Datasheet
239Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface and Recording function
logo
List of Unclassifed Man...
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
   Digital Monitor Controller with USB Function
logo
Aplus Intergrated Circu...
FRC616 APLUS-FRC616 Datasheet
594Kb / 17P
   Recording Controller
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
   Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
   Built-in USB connector And Line-in Recording
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Panasonic Semiconductor
AN6307 PANASONIC-AN6307 Datasheet
118Kb / 3P
   VTR Recording Amplifier Circuit
logo
Sony Corporation
CXA1047M SONY-CXA1047M Datasheet
423Kb / 16P
   RECORDING Y/C AMPLIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com