データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54HC123F3A データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD54HC123F3A
部品情報  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD54HC123F3A データシート(HTML) 7 Page - Texas Instruments

Back Button CD54HC123F3A Datasheet HTML 3Page - Texas Instruments CD54HC123F3A Datasheet HTML 4Page - Texas Instruments CD54HC123F3A Datasheet HTML 5Page - Texas Instruments CD54HC123F3A Datasheet HTML 6Page - Texas Instruments CD54HC123F3A Datasheet HTML 7Page - Texas Instruments CD54HC123F3A Datasheet HTML 8Page - Texas Instruments CD54HC123F3A Datasheet HTML 9Page - Texas Instruments CD54HC123F3A Datasheet HTML 10Page - Texas Instruments CD54HC123F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Switching Specifications Input tr, tf = 6ns, RX = 10KΩ, CX = 0 (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNIT
S
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Pulse Width Match Between
Circuits In the Same Package
RX = 10KΩ, CX = 10pF
--
5
±2-
-
-
-
-
%
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
NOTE:
4. CPD is used to determine the dynamic power consumption, per multivibrator.
PD = (CPD + CX) VCC
2 f
i ∑(CL VCC
2 f
O)
Where
fi = input frequency
fO = Output Frequency
CL = Output Load Capacitance
CX = External Capacitance
VCC = Supply Voltage,
assuming fi « I
t
W
------
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423


同様の部品番号 - CD54HC123F3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC123F3A TI-CD54HC123F3A Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI-CD54HC123F3A Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123F3A TI-CD54HC123F3A Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

同様の説明 - CD54HC123F3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com