データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS166D データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALS166D
部品情報  PARALLEL-LOAD 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166D データシート(HTML) 5 Page - Texas Instruments

  SN74ALS166D Datasheet HTML 1Page - Texas Instruments SN74ALS166D Datasheet HTML 2Page - Texas Instruments SN74ALS166D Datasheet HTML 3Page - Texas Instruments SN74ALS166D Datasheet HTML 4Page - Texas Instruments SN74ALS166D Datasheet HTML 5Page - Texas Instruments SN74ALS166D Datasheet HTML 6Page - Texas Instruments SN74ALS166D Datasheet HTML 7Page - Texas Instruments SN74ALS166D Datasheet HTML 8Page - Texas Instruments SN74ALS166D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR OUTPUT UNDER TEST
TEST TABLE FOR SYNCHRONOUS INPUTS
SH/LD
H0 V
4.5 V
QH at tn + 1
QH at tn + 1
VOLTAGE WAVEFORMS
RL = 500 Ω
CL = 50 pF
(see Note A)
From Output
Under Test
Test
Point
3.5 V
0.3 V
3.5 V
0.3 V
3.5
0.3 V
VOH
VOL
tw(clear)
1.3 V
1.3 V
tn + 1 (see Note D)
tn
tn
tn + 1
tw(CLK)
tsu
th
CLR
(see Note C)
CLK
(see Note E)
Data Input
(see Test Table)
Output QH
tPHL
tPLH
tPHL
Serial input
DATA INPUT
FOR TEST
OUTPUT TESTED
(see Note B)
1.3 V
1.3 V
1.3 V
tsu
th
1.3 V
1.3 V
1.3 V
1.3 V
NOTES: A. CL includes probe and jig capacitance.
B. Propagation delay times (tPLH and tPHL) are measured at tn+1. Proper shifting of data is verified at tn+8 with a functional test.
C. A clear pulse is applied prior to each test.
D. tn = bit time before clocking transition, tn+1 = bit time after one clocking transition, and tn+8 = bit time after eight clocking transitions.
E. The clock pulse has the following characteristics: tw(clock) ≤ 20 ns and PRR = 1 MHz. The clear pulse has the following
characteristics: tw(clear) ≤ 20 ns.
F. All pulse generators have the following characteristics: ZO ≈ 50 Ω; tr = tf = 2 ns. Duty cycle = 50% when testing fmax.
1.3 V
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74ALS166D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS166D TI-SN74ALS166D Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166DBR TI-SN74ALS166DBR Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166DR TI-SN74ALS166DR Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results

同様の説明 - SN74ALS166D

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com