データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9945KCP データシート(PDF) 8 Page - Analog Devices

部品番号 AD9945KCP
部品情報  Complete 12-Bit 40 MHz CCD Signal Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9945KCP データシート(HTML) 8 Page - Analog Devices

Back Button AD9945KCP Datasheet HTML 4Page - Analog Devices AD9945KCP Datasheet HTML 5Page - Analog Devices AD9945KCP Datasheet HTML 6Page - Analog Devices AD9945KCP Datasheet HTML 7Page - Analog Devices AD9945KCP Datasheet HTML 8Page - Analog Devices AD9945KCP Datasheet HTML 9Page - Analog Devices AD9945KCP Datasheet HTML 10Page - Analog Devices AD9945KCP Datasheet HTML 11Page - Analog Devices AD9945KCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
AD9945
INTERNAL REGISTER DESCRIPTION
Table I. Internal Register Map
Register
Address Bits
Name
A2
A1
A0
Data Bits
Function
Operation
0
0
0
D0
Software Reset (0 = Normal Operation, 1 = Reset all registers to default)
D2, D1
Power-Down Modes (00 = Normal Power, 01 = Standby, 10 = Total Shutdown)
D3
OB Clamp Disable (0 = Clamp ON, 1 = Clamp OFF)
D5, D4
Test Mode. Should always be set to 00.
D6
PBLK Blanking Level (0 = Blank Output to Zero, 1 = Blank to OB Clamp Level)
D8, D7
Test Mode 1. Should always be set to 00.
D11 to D9
Test Mode 2. Should always be set to 000.
Control
0
0
1
D0
SHP/SHD Input Polarity (0 = Active Low, 1 = Active High)
D1
DATACLK Input Polarity (0 = Active Low, 1 = Active High)
D2
CLPOB Input Polarity (0 = Active Low, 1 = Active High)
D3
PBLK Input Polarity (0 = Active Low, 1 = Active High)
D4
Three-State Data Outputs (0 = Outputs Active, 1 = Outputs Three-Stated)
D5
Data Output Latching (0 = Latched by DATACLK, 1 = Latch is Transparent)
D6
Data Output Coding (0 = Binary Output, 1 = Gray Code Output)
D11 to D7
Test Mode. Should always be set to 00000.
Clamp Level
0
1
0
D7 to D0
OB Clamp Level (0 = 0 LSB, 255 = 255 LSB)
VGA Gain
0
1
1
D9 to D0
VGA Gain (0 = 6 dB, 1023 = 40 dB)
NOTE: All register values default to 0x000 at power-up except clamp level, which defaults to 128 decimal (128 LSB clamp level).


同様の部品番号 - AD9945KCP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9945KCPZ AD-AD9945KCPZ Datasheet
639Kb / 14P
   CCD Signal Processor
AD9945KCPZRL7 AD-AD9945KCPZRL7 Datasheet
639Kb / 14P
   CCD Signal Processor
More results

同様の説明 - AD9945KCP

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9844A AD-AD9844A Datasheet
169Kb / 16P
   Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com