データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS75LX データシート(PDF) 6 Page - Maxim Integrated Products

部品番号 DS75LX
部品情報  Digital Thermometer and Thermostat with Extended Addressing
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LX データシート(HTML) 6 Page - Maxim Integrated Products

Back Button DS75LX Datasheet HTML 2Page - Maxim Integrated Products DS75LX Datasheet HTML 3Page - Maxim Integrated Products DS75LX Datasheet HTML 4Page - Maxim Integrated Products DS75LX Datasheet HTML 5Page - Maxim Integrated Products DS75LX Datasheet HTML 6Page - Maxim Integrated Products DS75LX Datasheet HTML 7Page - Maxim Integrated Products DS75LX Datasheet HTML 8Page - Maxim Integrated Products DS75LX Datasheet HTML 9Page - Maxim Integrated Products DS75LX Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS75LX: Digital Thermometer and Thermostat with Extended Addressing
6 of 13
Shutdown Mode
For power-sensitive applications, the DS75LX offers a low-power shutdown mode. The SD bit in the configuration
register controls shutdown mode. When SD is changed to 1, the conversion in progress is completed and the result
is stored in the temperature register after which the DS75LX goes into a low-power standby state. The O.S. output
is cleared if the thermostat is operating in interrupt mode, and O.S remains unchanged in comparator mode. The 2-
wire interface remains operational in shutdown mode, and writing a 0 to the SD bit returns the DS75LX to normal
operation.
OPERATION—THERMOSTAT
The DS75LX thermostat has two operating modes, comparator mode and interrupt mode, which activate and
deactivate the open-drain thermostat output (O.S.) based on user-programmable trip-points (TOS and THYST). The
DS75LX powers up with the thermostat in comparator mode with active-low O.S. polarity and with the
overtemperature trip-point (TOS) register set to +80°C and the hysteresis trip-point (THYST) register set to +75°C. If
these power-up settings are compatible with the application, the DS75LX can be used as a stand-alone thermostat
(i.e., no 2-wire communication required). If interrupt mode operation, active-high O.S. polarity, or different TOS and
THYST values are desired, they must be programmed after power-up, so stand-alone operation is not possible.
In both operating modes, the user can program the thermostat fault tolerance, which sets how many consecutive
temperature readings (1, 2, 4, or 6) must fall outside of the thermostat limits before the thermostat output is
triggered. The fault tolerance is set by the F1 and F0 bits in the configuration register and at power-up the fault
tolerance is 1.
The data format of the TOS and THYST registers is identical to that of the temperature register (see Figure 2), i.e., a
2-byte two’s complement representation of the trip-point temperature in degrees celcius with bits 3 through 0
hardwired to 0. After every temperature conversion, the measured temperature is compared to the values in the
TOS and THYST registers, and then O.S. is updated based on the result of the comparison and the operating mode.
The number of TOS and THYST bits used during the thermostat comparison is equal to the conversion resolution set
by the R1 and R0 bits in the configuration register. For example, if the resolution is 9 bits, only the 9 MSbs of TOS
and THYST will be used by the thermostat comparator.
The active state of the O.S. output can be changed by the POL bit in the configuration register. The power-up
default is active low.
If the user does not wish to use the thermostat capabilities of the DS75LX, the O.S. output should be left floating.
Note that if the thermostat is not used, the TOS and THYST registers can be used for general storage of system data.
Comparator Mode
When the thermostat is in comparator mode, O.S. can be programmed to operate with any amount of hysteresis.
The O.S. output becomes active when the measured temperature exceeds the TOS value a consecutive number of
times as defined by the F1 and F0 fault tolerance (FT) bits in the configuration register. O.S. then stays active until
the first time the temperature falls below the value stored in THYST. Putting the device into shutdown mode does not
clear O.S. in comparator mode. Thermostat comparator mode operation with FT = 2 is illustrated in Figure 3.
Interrupt Mode
In interrupt mode, the O.S. output first becomes active when the measured temperature exceeds the TOS value a
consecutive number of times equal to the FT value in the configuration register. Once activated, O.S. can only be
cleared by either putting the DS75LX into shutdown mode or by reading from any register (temperature,
configuration, TOS, or THYST ) on the device. Once O.S. has been deactivated, it will only be reactivated when the
measured temperature falls below the THYST value a consecutive number of times equal to the FT value. Again, O.S
can only be cleared by putting the device into shutdown mode or reading any register. Thus, this interrupt/clear
process is cyclical between TOS and THYST events (i.e, TOS, clear, THYST, clear, TOS, clear, THYST, clear, etc.).
Thermostat interrupt mode operation with FT = 2 is illustrated in Figure 3.


同様の部品番号 - DS75LX

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS75LX DALLAS-DS75LX Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
More results

同様の説明 - DS75LX

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com