データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC259 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC259
部品情報  8-BIT ADDRESSABLE LATCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC259 データシート(HTML) 4 Page - Texas Instruments

  SN74HC259 Datasheet HTML 1Page - Texas Instruments SN74HC259 Datasheet HTML 2Page - Texas Instruments SN74HC259 Datasheet HTML 3Page - Texas Instruments SN74HC259 Datasheet HTML 4Page - Texas Instruments SN74HC259 Datasheet HTML 5Page - Texas Instruments SN74HC259 Datasheet HTML 6Page - Texas Instruments SN74HC259 Datasheet HTML 7Page - Texas Instruments SN74HC259 Datasheet HTML 8Page - Texas Instruments SN74HC259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54HC259, SN74HC259
8BIT ADDRESSABLE LATCHES
SCLS134E − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram, each internal latch (positive logic)
C
R
TG
C
C
C
C
TG
C
C
D
Q
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HC259
SN74HC259
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


同様の部品番号 - SN74HC259

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC259 TI-SN74HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC259 TI-SN74HC259 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
TEXAS ADVANCED OPTOELEC...
SN74HC259 TAOS-SN74HC259 Datasheet
827Kb / 20P
   8-BIT ADDRESSABLE LATCHES
logo
Texas Instruments
SN74HC259 TI1-SN74HC259 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC259D TI-SN74HC259D Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results

同様の説明 - SN74HC259

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
   8-Bit Addressable Latches
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com