データシートサーチシステム |
|
SN74HC590AN データシート(PDF) 8 Page - Texas Instruments |
|
|
SN74HC590AN データシート(HTML) 8 Page - Texas Instruments |
8 / 21 page SN54HC590A, SN74HC590A 8BIT BINARY COUNTERS WITH 3STATE OUTPUT REGISTERS SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) FROM TO SN74HC590A PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA = 25°C MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX UNIT 2 V 4 8 3.2 fmax 4.5 V 20 35 16 MHz fmax 6 V 24 40 19 MHz 2 V 80 150 190 tpd CCLK ↑ RCO 4.5 V 20 30 38 ns tpd CCLK ↑ RCO 6 V 15 26 33 ns 2 V 70 130 165 tPLH CCLR ↓ RCO 4.5 V 18 26 33 ns tPLH CCLR ↓ RCO 6 V 14 22 28 ns 2 V 70 140 175 tpd RCLK ↑ Q 4.5 V 18 28 35 ns tpd RCLK ↑ Q 6 V 14 24 30 ns 2 V 80 125 155 ten OE ↓ Q 4.5 V 20 25 31 ns ten OE ↓ Q 6 V 15 21 26 ns 2 V 80 125 155 tdis OE ↑ Q 4.5 V 20 25 31 ns tdis OE ↑ Q 6 V 15 21 26 ns 2 V 38 75 95 RCO 4.5 V 8 15 19 tt RCO 6 V 6 13 16 ns tt 2 V 38 60 75 ns Q 4.5 V 8 12 15 Q 6 V 6 10 13 |
同様の部品番号 - SN74HC590AN |
|
同様の説明 - SN74HC590AN |