データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25020ZI-GT3 データシート(PDF) 11 Page - Catalyst Semiconductor

部品番号 CAT25020ZI-GT3
部品情報  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020ZI-GT3 データシート(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT25020ZI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 14Page - Catalyst Semiconductor CAT25020ZI-GT3 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
PACKAGE OUTLINES DRAWING
PDIP 8-Lead 300mils (L)
(1)(2)
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC specification MS-001
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
E1
D
A
L
eb
b2
A1
A2
E
eB
c
TOP VIEW
SIDE VIEW
END VIEW
PIN # 1
IDENTIFICATION
SYMBOL
MIN
NOM
MAX
A5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.25
e
2.54 BSC
E1
6.10
6.35
7.11
eB
7.87
10.92
L
2.92
3.30
3.80


同様の部品番号 - CAT25020ZI-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25020ZI-GT3 CATALYST-CAT25020ZI-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020ZI-GT3 ONSEMI-CAT25020ZI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

同様の説明 - CAT25020ZI-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com