データシートサーチシステム |
|
SN74HC590ADWRG4 データシート(PDF) 11 Page - Texas Instruments |
|
SN74HC590ADWRG4 データシート(HTML) 11 Page - Texas Instruments |
11 / 21 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-89603012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-8960301EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 5962-8960301FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SN54HC590AJ ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN74HC590AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADTE4 ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADTG4 ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590ADWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74HC590AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74HC590AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74HC590ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SNJ54HC590AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54HC590AJ ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54HC590AW ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2007 Addendum-Page 1 |
同様の部品番号 - SN74HC590ADWRG4 |
|
同様の説明 - SN74HC590ADWRG4 |