データシートサーチシステム |
|
74AUP1G125 データシート(PDF) 11 Page - NXP Semiconductors |
|
74AUP1G125 データシート(HTML) 11 Page - NXP Semiconductors |
11 / 21 page 74AUP1G125_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 30 June 2006 11 of 21 Philips Semiconductors 74AUP1G125 Low-power buffer/line driver; 3-state [1] All typical values are measured at nominal VCC. [2] CPD is used to determine the dynamic power dissipation (PD in µW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; Σ(C L × VCC 2 × f o) = sum of the outputs. Tamb = 25 °C CPD power dissipation capacitance f = 1 MHz; VI = GND to VCC [2] output enabled VCC = 0.8 V - 2.7 - pF VCC = 1.1 V to 1.3 V - 2.8 - pF VCC = 1.4 V to 1.6 V - 2.9 - pF VCC = 1.65 V to 1.95 V - 3.0 - pF VCC = 2.3 V to 2.7 V - 3.6 - pF VCC = 3.0 V to 3.6 V - 4.2 - pF Table 8: Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9 Symbol Parameter Conditions Min Typ [1] Max Unit Table 9: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9 Symbol Parameter Conditions −40 °C to +85 °C −40 °C to +125 °C Unit Min Max Min Max CL = 5 pF tPHL, tPLH HIGH-to-LOW and LOW-to-HIGH propagation delay AtoY see Figure 7 VCC = 1.1 V to 1.3 V 2.5 11.7 2.5 12.9 ns VCC = 1.4 V to 1.6 V 2.0 7.3 2.0 8.1 ns VCC = 1.65 V to 1.95 V 1.7 6.1 1.7 6.7 ns VCC = 2.3 V to 2.7 V 1.4 4.3 1.4 4.9 ns VCC = 3.0 V to 3.6 V 1.2 3.9 1.2 4.4 ns tPZH, tPZL OFF-state to HIGH and OFF-state to LOW propagation delay OE to Y see Figure 8 VCC = 1.1 V to 1.3 V 2.9 13.9 2.9 15.4 ns VCC = 1.4 V to 1.6 V 2.3 7.7 2.3 8.3 ns VCC = 1.65 V to 1.95 V 2.0 6.2 2.0 6.8 ns VCC = 2.3 V to 2.7 V 1.7 4.5 1.7 5.0 ns VCC = 3.0 V to 3.6 V 1.7 3.5 1.7 3.9 ns tPHZ, tPLZ HIGH to OFF-state and LOW to OFF-state propagation delay OE to Y see Figure 8 VCC = 1.1 V to 1.3 V 2.7 7.3 2.7 8.2 ns VCC = 1.4 V to 1.6 V 2.1 5.1 2.1 5.7 ns VCC = 1.65 V to 1.95 V 2.0 5.0 2.0 5.7 ns VCC = 2.3 V to 2.7 V 1.4 3.3 1.4 4.1 ns VCC = 3.0 V to 3.6 V 1.7 3.4 1.7 3.9 ns |
同様の部品番号 - 74AUP1G125 |
|
同様の説明 - 74AUP1G125 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |