データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1510CM データシート(PDF) 3 Page - Advanced Monolithic Systems

部品番号 AMS1510CM
部品情報  10A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADMOS [Advanced Monolithic Systems]
ホームページ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1510CM データシート(HTML) 3 Page - Advanced Monolithic Systems

  AMS1510CM Datasheet HTML 1Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 2Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 3Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 4Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 5Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 6Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 7Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 8Page - Advanced Monolithic Systems AMS1510CM Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Junction-to-Case
M Package: Control Circuitry/ Power Transistor
0.65/2.70
°C/W
AMS1510
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Dropout Voltage
Note 2
Control Dropout
(VCONTROL - VOUT)
AMS1510/-1.5/-2.5/
-2.85/-3.0/-3.3/-3.5/-5.0
VPOWER =VOUT + 0.8V, ILOAD = 10mA
VPOWER =VOUT + 0.8V, ILOAD = 10A
1.00
1.15
1.15
1.30
V
V
Power Dropout
(VPOWER - VOUT)
AMS1510/-1.5/-2.5/
-2.85/-3.0/-3.3/-3.5/-5.0
VCONTROL =VOUT + 2.5V, ILOAD = 10mA
VCONTROL =VOUT + 2.5V, ILOAD = 10A
.10
.45
0.17
0.60
V
V
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Unless otherwise specified VOUT = VSENSE. For the adjustable device VADJ = 0V.
Note 3: The dropout voltage for the AMS1510 is caused by either minimum control voltage or minimum power voltage. The specifications represent the
minimum input/output voltage required to maintain 1% regulation.
Note 4: For the adjustable device the minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor
divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: The control pin current is the drive current required for the output transistor. This current will track output current with a ratio of about 1:100. The
minimum value is equal to the quiescent current of the device.
PIN FUNCTIONS
Sense (Pin 1): This pin is the positive side of the reference
voltage for the device. With this pin it is possible to Kelvin
sense the output voltage at the load.
Adjust (Pin 2/5): This pin is the negative side of the
reference voltage for the device. Adding a small bypass
capacitor from the Adjust pin to ground improves the
transient response. For fixed voltage devices the Adjust
pin is also brought out to allow the user to add a bypass
capacitor.
GND (Pin 2, 7-Lead only): For fixed voltage devices this
is the bottom of the resistor divider that sets the output
voltage.
VPOWER (Pin 5/6): This pin is the collector to the power
device of the AMS1510. The output load current is
supplied through this pin. The voltage at this pin must
be between 0.1V and 0.8V greater than the output
voltage for the device to regulate.
VCONTROL (Pin 4/3): This pin is the supply pin for the
control circuitry of the device. The current flow into
this pin will be about 1% of the output current. The
voltage at this pin must be 1.3V or greater than the
output voltage for the device to regulate.
Output (Pin 3/4): This is the power output of the
device.


同様の部品番号 - AMS1510CM

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1510CM ADMOS-AMS1510CM Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-15 ADMOS-AMS1510CM-15 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-25 ADMOS-AMS1510CM-25 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-285 ADMOS-AMS1510CM-285 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-30 ADMOS-AMS1510CM-30 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - AMS1510CM

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com