データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1503CD-3.3 データシート(PDF) 8 Page - Advanced Monolithic Systems

部品番号 AMS1503CD-3.3
部品情報  3A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADMOS [Advanced Monolithic Systems]
ホームページ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1503CD-3.3 データシート(HTML) 8 Page - Advanced Monolithic Systems

  AMS1503CD-3.3 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1503CD-3.3 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMS1503
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
5 LEAD TO-220 PLASTIC PACKAGE (T)
0.335-0.345
(8.51-8.77)
0.387-0.413
(9.83-10.49)
0.170-0.190
(4.32-4.82)
0.045-0.055
(1.143-1.397)
0.105
(2.67)
0.013-0.023
(0.330-0.584)
T (TO-220 ) AMS DRW# 042194
0.149-0.153
(3.77-3.87)
DIA
0.240-0.260
(6.100-6.600)
0.032
(0.81)
TYP
TYP
0.062-0.072
(1.570-1.830)
0.460-0.500
(11.684-12.700)
0.520-0.570
(13.208-14.478)
0.980-1.070
(24.892-27.178)
0.575-0.605
(14.61-15.37)
5 LEAD TO-263 PLASTIC PACKAGE (M)
0.060
(1.524)
TYP
0.390-0.415
(9.906-10.541)
0.330-0.370
(8.382-9.398)
0.057-0.077
(1.447-1.955)
0.165-0.180
(4.191-4.572)
0.045-0.055
(1.143-1.397)
0.095-0.115
(2.413-2.921)
0.90-0.110
(2.29-2.79)
0.013-0.023
(0.330-0.584)
0.108
(2.74)
TYP
(0.102
)
+0.203
-0.102
0.004 +0.008
-0.004
M (DD5) AMS DRW#042192R1
(5.05-5.54)
0.199-0.218
0.032
(0.81)
TYP
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


同様の部品番号 - AMS1503CD-3.3

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1503CM ADMOS-AMS1503CM Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-15 ADMOS-AMS1503CM-15 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-25 ADMOS-AMS1503CM-25 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-285 ADMOS-AMS1503CM-285 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
AMS1503CM-30 ADMOS-AMS1503CM-30 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - AMS1503CD-3.3

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com