データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC123A データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74VHC123A
部品情報  Dual Retriggerable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC123A データシート(HTML) 5 Page - Fairchild Semiconductor

  74VHC123A_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC123A_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC123A Rev. 1.2
5
Functional Description
1. Stand-by State
The external capacitor (Cx) is fully charged to VCC in
the Stand-by State. That means, before triggering,
the QP and QN transistors which are connected to the
Rx/Cx node are in the off state. Two comparators that
relate to the timing of the output pulse, and two refer-
ence voltage supplies turn off. The total supply cur-
rent is only leakage current.
2. Trigger Operation
Trigger operation is effective in any of the following
three cases. First, the condition where the A input is
LOW, and B input has a rising signal; second, where
the B input is HIGH, and the A input has a falling sig-
nal; and third, where the A input is LOW and the B
input is HIGH, and the CLR input has a rising signal.
After a trigger becomes effective, comparators C1
and C2 start operating, and QN is turned on. The
external capacitor discharges through QN. The volt-
age level at the Rx/Cx node drops. If the Rx/Cx volt-
age level falls to the internal reference voltage VrefL,
the output of C1 becomes LOW. The flip-flop is then
reset and QN turns off. At that moment C1 stops but
C2 continues operating.
After QN turns off, the voltage at the Rx/Cx node
starts rising at a rate determined by the time constant
of external capacitor Cx and resistor Rx.
Upon triggering, output Q becomes HIGH, following
some delay time of the internal F/F and gates. It stays
HIGH even if the voltage of Rx/Cx changes from fall-
ing to rising. When Rx/Cx reaches the internal refer-
ence voltage VrefH, the output of C2 becomes LOW,
the output Q goes LOW and C2 stops its operation.
That means, after triggering, when the voltage level
of the Rx/Cx node reaches VrefH, the IC returns to its
MONOSTABLE state.
With large values of Cx and Rx, and ignoring the dis-
charge time of the capacitor and internal delays of
the IC, the width of the output pulse, tW (OUT), is as
follows:
tW (OUT) = 1.0 Cx Rx
3. Retrigger operation (74VHC123A)
When a new trigger is applied to either input A or B
while in the MONOSTABLE state, it is effective only if
the IC is charging Cx. The voltage level of the Rx/Cx
node then falls to VrefL level again. Therefore the Q
output stays HIGH if the next trigger comes in before
the time period set by Cx and Rx.
If the new trigger is very close to a previous trigger,
such as an occurrence during the discharge cycle, it
will have no effect.
The minimum time for a trigger to be effective 2nd
trigger, tRR (Min), depends on VCC and Cx.
4. Reset Operation
In normal operation, the CLR input is held HIGH. If
CLR is LOW, a trigger has no affect because the Q
output is held LOW and the trigger control F/F is
reset. Also, Qp turns on and Cx is charged rapidly to
VCC.
This means if CLR is set LOW, the IC goes into a wait
state.


同様の部品番号 - 74VHC123A_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
74VHC123AFT TOSHIBA-74VHC123AFT Datasheet
315Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
Fairchild Semiconductor
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123AM ONSEMI-74VHC123AM Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results

同様の説明 - 74VHC123A_07

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com