データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54AC164 データシート(PDF) 6 Page - Texas Instruments

部品番号 CD54AC164
部品情報  8-Bit Serial-In/Parallel-Out Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD54AC164 データシート(HTML) 6 Page - Texas Instruments

Back Button CD54AC164_07 Datasheet HTML 2Page - Texas Instruments CD54AC164_07 Datasheet HTML 3Page - Texas Instruments CD54AC164_07 Datasheet HTML 4Page - Texas Instruments CD54AC164_07 Datasheet HTML 5Page - Texas Instruments CD54AC164_07 Datasheet HTML 6Page - Texas Instruments CD54AC164_07 Datasheet HTML 7Page - Texas Instruments CD54AC164_07 Datasheet HTML 8Page - Texas Instruments CD54AC164_07 Datasheet HTML 9Page - Texas Instruments CD54AC164_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Propagation Delay,
MR to Qn
tPLH, tPHL
1.5
-
-
158
-
-
174
ns
3.3
5
-
17.7
4.9
-
19.5
ns
5
3.6
-
12.6
3.5
-
13.9
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
150
-
-
150
-
pF
ACT TYPES
Propagation Delay, CP to Qn
tPLH, tPHL
5
(Note 10)
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay, MR to Qn
tPLH, tPHL
5
4.1
-
14.4
4
-
15.8
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
150
-
-
150
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V.
11. CPD is used to determine the dynamic power consumption per device.
PD =CPDVCC
2 f
i Σ (CLVCC
2 f
o)+VCC ∆ICC, where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC =
supply voltage.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FIGURE 1.
FIGURE 2.
FIGURE 3.
FIGURE 4.
CP
ANY
OUTPUT
tr
tf
tw
VS
90%
10%
INPUT
GND
1/fMAX
tPLH
tPHL
tTLH
tTHL
VS
90%
10%
MR
VS
tw
tREC
tPHL
ANY
INPUT
CP
INPUT LEVEL
GND
GND
INPUT LEVEL
VS
VS
DS2 (1)
DS1 (2)
CP
VALID
VS
tSU
tH
tREC
INPUT
LEVEL
GND
GND
GND
INPUT
LEVEL
INPUT
LEVEL
VS
tSU
tH
VS
INPUT LEVEL
GND
DS2 (1)
CP
VS
tSU
tH
VS
GND
INPUT LEVEL
CD54/74AC164, CD54/74ACT164


同様の部品番号 - CD54AC164_07

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
More results

同様の説明 - CD54AC164_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com