データシートサーチシステム |
|
CD74HC4024M96 データシート(PDF) 5 Page - Texas Instruments |
|
|
CD74HC4024M96 データシート(HTML) 5 Page - Texas Instruments |
5 / 15 page 5 Reset Pulse Width tW 2 80 - 100 - 120 - ns 4.5 16 - 20 - 24 - ns 6 14 - 17 - 20 - ns HCT TYPES Maximum Input Pulse Frequency fMAX 4.5 25 - 20 - 16 - MHz Input Pulse Width tW 4.5 20 - 25 - 30 - ns Reset Recovery Time tREC 4.5 10 - 13 - 15 - ns Reset Pulse Width tW 4.5 20 - 25 - 30 - ns Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay Time (Figure 1) tPLH, tPHL CL = 50pF 2 - - 140 - 175 - 210 ns CP to Q1’ Output 4.5 - - 28 - 35 - 42 ns CL =15pF 5 - 11 - - - - - ns CL = 50pF 6 - - 24 - 30 - 36 ns Qn to Qn + 1 tPLH, tPHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns CL =15pF 5 - 6 - - - - - ns CL = 50pF 6 - - 13 - 13 - 19 ns MR to Qn tPLH, tPHL CL = 50pF 2 - - 170 - 215 - 255 ns 4.5 - - 34 - 43 - 51 ns 5 - 14 - - - - - ns 6 - - 29 - 27 - 43 ns Output Transition Time (Figure 1) tTLH,tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CIN CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD CL =15pF 5 - 30 - - - - - pF HCT TYPES Propagation Delay Time (Figure 2) tPLH, tPHL CL = 50pF 4.5 - - 40 - 50 - 60 ns CP to Q1’ Output CL =15pF 5 - 17 - - - - - ns Qn to Qn + 1 tPLH, tPHL CL = 50pF 4.5 - - 15 - 19 - 22 ns CL =15pF 5 - 6 - - - - - ns MR to Qn tPLH, tPHL CL = 50pF 4.5 - - 40 - 50 - 60 ns CL =15pF 5 - 17 - - - - - ns Prerequisite for Switching Specifications (Continued) PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN MAX MIN MAX MIN MAX CD54HC4024, CD74HC4024, CD54HCT4024, CD74HCT4024 |
同様の部品番号 - CD74HC4024M96 |
|
同様の説明 - CD74HC4024M96 |