データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCR8PM-12L データシート(PDF) 5 Page - Powerex Power Semiconductors

部品番号 BCR8PM-12L
部品情報  Triac 8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR8PM-12L データシート(HTML) 5 Page - Powerex Power Semiconductors

  BCR8PM-12L Datasheet HTML 1Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 2Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 3Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 4Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 5Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR8PM
Triac
8 Amperes/400-600 Volts
0
4.6
3.8
3.0
2.2
1.4
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE CURRENT, IT, (AMPERES)
10-1
100
101
102
Tj = 25
oC
Tj = 125
oC
10-1
103
102
101
100
102
101
103
105
104
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-AMBIENT)
CYCLES AT 60 Hz
0
0.5
1.0
2.5
3.0
3.5
4.0
CHARACTERISTICS
(JUNCTION-TO-CASE)
CYCLES AT 60 Hz
10-1
100
102
103
101
102
1.5
2.0
0
20
40
60
80
100
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
FOR AC CONTROL
THIS GRAPH NEARLY
APPLIES REGARDLESS
OF THE CONDUCTION
ANGLE
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
60 x 60 x t 2.3
100 x 100 x t 2.3
120 x 120 x t 2.3
FIN: A PLATE PAINTED BLACK
WITH GREASE
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
0
2
4
6
8
10
12
14
16
MAXIMUM ON-STATE
POWER DISSIPATION
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
0.8
0.4
1.2
2.0
1.6
2.4
3.2
2.8
NATURAL CONVECTION, NO FIN
ARBITRARY CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
360
°
10-1
102
101
100
GATE CHARACTERISTICS
(I, II, III)
GATE CURRENT, IG, (mA)
102
101
103
104
VGD = 0.2V
VGM = 10V
VGT = 1.5V
IGM = 2A
PGM = 5W
PG(avg) = 0.5W
IGT = 30mA
Tj = 25°C
NO FIN
T-43


同様の部品番号 - BCR8PM-12L

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
125Kb / 8P
   Triac Medium Power Use
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR8PM-12LA RENESAS-BCR8PM-12LA Datasheet
125Kb / 8P
   Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR8PM-12LA ISC-BCR8PM-12LA Datasheet
171Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8PM-12LA-A8 RENESAS-BCR8PM-12LA-A8 Datasheet
125Kb / 8P
   Triac Medium Power Use
More results

同様の説明 - BCR8PM-12L

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
   Triac 12 Amperes/400-600 Volts
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
   Triac 10 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
   Triac 3 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
   Isolated Triac 12 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
   Isolated Triac 16 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com